Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM3R3300SFB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DIM3R3300SFB
Description  Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3300SFB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DIM3R3300SFB Datasheet HTML 1Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 2Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 3Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRELIMINARY DATASHEET
DS_DIM3R3_08292008
FEATURES
High efficiency 98% @ 48Vin, 300W
Size: 70.6x36.8x12.7mm (2.78”x1.45”x0.5”)
Standard footprint
Industry standard pin out
Input OVP, UVLO, Output OCP, OVP, OTP
8W (3.3Vdc or 5.0Vdc) of isolated
management power for module self or other
housekeeping functions
5V/100mA BLUE_LED power
Input OR'ing for the A/B dual input power
feeds as well as A/B Enable signals
Inrush protection and hot swap capability
Integral EMI filter designed for the ATCA
board to meet CISPR Class B
Independent 72Vdc output for charging the
external holdup capacitors resulting in
significant board real estate savings and
bleed resistor power dissipation
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada), and TUV
(EN60950-1) - pending
APPLICATIONS
Telecom / Datacom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial / Testing Equipment
OPTIONS
3.3V or 5V management Power
Delphi Series DIM, 300W Dual Input Power
Processing DC/DC Power Modules
The Delphi DIM series, 300W dual redundant input power processing
isolated DC/DC converter is the latest offering from a world leader in
power system and technology and manufacturing ― Delta Electronics,
Inc. This product family provides up to 300 watts of power in an industry
standard footprint and pinout. The DIM series is designed to simplify the
task and reduce the board space of implementing dual redundant, hot
swappable 48Vdc power distribution with EMI filtering and inrush
current limiting for an ATCA (Advanced Telecommunications
Computing Architecture)
or other telecom boards. In addition to
processing the dual redundant 48V bus, the DIM module also provides
isolated auxiliary 3.3V or 5V (8W), and/or 5V (100mA) BLUE_LED
power for other housekeeping functions. With creative design
technology and optimization of component placement, these converters
possess outstanding electrical and thermal performances, as well as
extremely high reliability under highly stressful operating conditions. All
models are fully protected from abnormal input/output voltage, current,
and temperature conditions. The Delphi DIM series converters meet all
safety requirements with basic insulation.


Similar Part No. - DIM3R3300SFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
602Kb / 13P
   Industry standard pin out
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
602Kb / 13P
   Inrush protection and hot swap capability
More results

Similar Description - DIM3R3300SFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E36SR12004NKFA DELTA-E36SR12004NKFA Datasheet
456Kb / 13P
   Delphi E36SR Series DC/DC Power Modules
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48DV1R533NRFA DELTA-Q48DV1R533NRFA Datasheet
561Kb / 14P
   Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com