Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIM050300SFA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # DIM050300SFA
Description  Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM050300SFA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DIM050300SFA Datasheet HTML 1Page - Delta Electronics, Inc. DIM050300SFA Datasheet HTML 2Page - Delta Electronics, Inc. DIM050300SFA Datasheet HTML 3Page - Delta Electronics, Inc. DIM050300SFA Datasheet HTML 4Page - Delta Electronics, Inc. DIM050300SFA Datasheet HTML 5Page - Delta Electronics, Inc. DIM050300SFA Datasheet HTML 6Page - Delta Electronics, Inc. DIM050300SFA Datasheet HTML 7Page - Delta Electronics, Inc. DIM050300SFA Datasheet HTML 8Page - Delta Electronics, Inc. DIM050300SFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRELIMINARY DATASHEET
DS_DIM3R3_08292008
2
TECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=300 LFM, Vin=-48Vdc, nominal Vout unless otherwise noted;)
PARAMETER
NOTES and CONDITIONS
DIM3R3300 (Standard)
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Continuous
0
-48
-75
Vdc
Transient
10
μs
-100
Vdc
Operating Case Temperature
Please refer to Fig.13 for the measuring point, Tc
-40
117
°C
Storage Temperature
-55
125
°C
ISOLATION
Input to MGMT_PWR Output Voltage
1500
Vdc
Input to SHELF_GND Voltage
1500
Vdc
Input to LOGIC_GND Voltage
1500
Vdc
LOGIC_GND to SHELF_GND Insulation Resistance
100Vdc
10
M
Ω
GENERAL SPECIFICATIONS
Calculated MTBF
Pin=240W, Vin=-48V
TBD
Mhours
Over-Temperature Shutdown
Refer to Figure 13 for the measuring point, Tc
130
°C
Weight
27
grams
MAIN INPUT (DUAL FEED) CHARACTERISTICS
Operation Input Voltage Range
-36
-75
V
Input UVLO
Turn-On Voltage Threshold
VRTN_OUT
open load
-34.5
-35.3
-36
Vdc
Turn-Off Voltage Threshold
VRTN_OUT
open load
-32.5
-33.3
-34
Vdc
Input OVP
Vdc
Turn-On Voltage Threshold
VRTN_OUT
open load
-78
-79.8
-81.5
Vdc
Turn-Off Voltage Threshold
VRTN_OUT
open load
-80
-81.8
-83.5
Vdc
Off Converter Input Current
Vin < UVLO voltage
10
mA
Maximum Input Current
Pin=300W, Vin=0 to -75V
9.5
A
POWER & MAIN OUTPUT (-48V output)
Input Power, Maximum Allowable
300
W
Efficiency
Pin=300W, MGMT_PWR/BLUE_LED_PWR no load
97
98
%
Efficiency
Pin=300W, MGMT_PWR=8W, BLUE_LED_PWR =0.5W
96
97
%
Total Power Dissipation
Pin=300W, MGMT_PWR=8W, BLUE_LED_PWR=0.5W
10
W
Management Power, Maximum Deliverable
8
W
Module Standby Current
Pout=0W, MGMT_PWR=0W, BLUE_LED_PWR=0W
Vin=-36V,
80
mA
Vin=-48V,
45
mA
Vin=-75V
40
mA
Main Output External Output Filter Capacitance
200
330
μF
HOT SWAP
Inrush Transient
Pin=300W, Vin=-75V, MGMT_PWR=0,
BLUE_LED_PWR=0W
0~0.9mS
42.5
A
0.9~3mS
17
A
3~100mS
8.5
A
INPUT A/B FEED LOSS / FUSE ALARM
Alarm ON Input Voltage Threshold
-36
-36.8
-37.9
%
Alarm Off Input Voltage Threshold
-37.3
-37.5
-37.7
%
Opto Transistor Collector to Emitter Voltage
40
Vdc
Opto Transistor Collector to Emitter Dark Current
Opto Diode current, Id = 0A
100
nA
Opto Transistor Collector Saturation Voltage
0.3
V
HOLD UP CAPACITANCE INTERFACE
Hold-up Capacitor Voltage Accuracy
-70
72
-74
V
Hold-up Capacitor Charge Current
24
mA
Minimum Hold-up Capacitance (C_HOLD)
47
μF
72V_CAP ON Input Voltage Threshold
-36
-37
-38
V
72V_CAP OFF Input Voltage Threshold
-36.6
-37.6
-38.6
V


Similar Part No. - DIM050300SFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM050300SFA DELTA-DIM050300SFA Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM050300SFA DELTA-DIM050300SFA Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
More results

Similar Description - DIM050300SFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E36SR12004NKFA DELTA-E36SR12004NKFA Datasheet
456Kb / 13P
   Delphi E36SR Series DC/DC Power Modules
Q48SB10828NRFA DELTA-Q48SB10828NRFA Datasheet
529Kb / 11P
   Delphi Series Q48SB, 300W Bus Converter DC/DC Power Modules: 48V in, 9.6V/31A out
Q48DV1R533NRFA DELTA-Q48DV1R533NRFA Datasheet
561Kb / 14P
   Delphi Series Q48DV, 40W Quarter Brick, Dual Output DC/DC Power Modules
E48SC12008NRFH DELTA-E48SC12008NRFH_14 Datasheet
701Kb / 18P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules
Q48SE12033 DELTA-Q48SE12033 Datasheet
592Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com