Electronic Components Datasheet Search |
|
VFSD1-S15-S12-SIP Datasheet(PDF) 2 Page - CUI INC |
|
VFSD1-S15-S12-SIP Datasheet(HTML) 2 Page - CUI INC |
2 / 3 page VFSD1-SIP Series Dc-Dc Converter Rev. 12-2010 2/ 3 V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062 www.v-infinity.com 1-866-372-1258 General Specifications Short circuit protection <1 second Temperature rise at full load 25°C Max, 15°C Typ. Cooling Free air convection Operating temperature range -40°C to +85°C Storage temperature range -55°C to +125°C Soldering temperature 300°C (1.5mm from case for 10 sec.) Storage humidity range <95% Case material Plastic (UL94-V0) Safety approved to UL60950 (E222736) MTBF >1,000,000 hrs. Burn-in Full load at +85°C, for 4 hours at no-load and 4 hours at full load. Isolation Specifications Item Test Conditions Min. Typ. Max. Units Isolation Voltage Tested for 1 min. 3000 Vdc Insulation Resistance Test at 500 Vdc 1000 M Ω Typical Characteristics Bottom View Side View 19.60 10.00 4.10 1.25 2.00 15.24 6.00 12 5 7 2.54 2.54 12 5 7 1 2 5 7 +Vin -Vin -Vout +Vout Pin Function Layout Note: All Pins on a 2.54mm pitch; All Pin diameters are 0.50 mm; all dimensions in mm. Outline Dimensions & Recommended Layout Pattern Note: 1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless otherwise specified. |
Similar Part No. - VFSD1-S15-S12-SIP |
|
Similar Description - VFSD1-S15-S12-SIP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |