Electronic Components Datasheet Search |
|
VLED15-230-480 Datasheet(PDF) 1 Page - CUI INC |
|
VLED15-230-480 Datasheet(HTML) 1 Page - CUI INC |
1 / 5 page a division of CUI INC date page SERIES: DESCRIPTION: 03/2011 1 of 5 LED DRIVER VLED15 20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382 www.v-infinity.com MODEL outut voltage1 output current ouput power input voltage min. (V dc) max. (V dc) max. (mA) max. (W) nominal load (V ac) VLED15-120-350 24 48 350 16.8 115 VLED15-120-480 10 13.5 480 6.5 115 VLED15-120-600 8 12 600 7.2 115 VLED15-120-700 16 24 700 16.8 115 VLED15-120-800 8 12 800 9.6 115 VLED15-120-900 10 16 900 14.4 115 VLED15-120-900L 8 12 900 10.8 115 VLED15-120-1000 10 16 1,000 16 115 VLED15-120-1200 10 14.1 1,200 16.92 115 VLED15-120-1250 8 12 1,250 15 115 VLED15-120-14002 8 11.5 1,400 16.1 115 VLED15-120-1500 5 10 1,500 15 115 VLED15-230-350 24 48 350 16.8 230 VLED15-230-480 10 13.5 480 6.5 230 VLED15-230-600 8 12 600 7.2 230 VLED15-230-700 16 24 700 16.8 230 VLED15-230-800 8 12 800 9.6 230 VLED15-230-900 10 16 900 14.4 230 VLED15-230-900L 8 12 900 10.8 230 VLED15-230-1000 10 16 1,000 16 230 VLED15-230-1200 10 14.1 1,200 16.92 230 VLED15-230-1250 8 12 1,250 15 230 VLED15-230-14002 8 11.5 1,400 16.1 230 VLED15-230-1500 5 10 1,500 15 230 RoHS FEATURES •constant current •high efficiency •120 and 230 V ac inputs available •0.35 ~ 1.5 A output current •operates with industry standard dimmers •compact encapsulated assembly •active power factor correction •over voltage, over current, over temperature, short circuit protection: auto recovery •high temperature operation (up to 90°C case) •UL approved, ENEC approved, CE Mark •long life > 50,000 hours notes: 1. total LED forward voltage must be within these ratings under all conditions including dimming 2. 80°C maximum case rating |
Similar Part No. - VLED15-230-480 |
|
Similar Description - VLED15-230-480 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |