Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLED15-230-600 Datasheet(PDF) 2 Page - CUI INC

Part # VLED15-230-600
Description  LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15-230-600 Datasheet(HTML) 2 Page - CUI INC

  VLED15-230-600 Datasheet HTML 1Page - CUI INC VLED15-230-600 Datasheet HTML 2Page - CUI INC VLED15-230-600 Datasheet HTML 3Page - CUI INC VLED15-230-600 Datasheet HTML 4Page - CUI INC VLED15-230-600 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
03/2011
2 of 5
LED DRIVER
VLED15
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
INPUT
parameter
conditions/description
min
nom
max
units
current
115 V ac
0.22
A
frequency range
47
63
Hz
power factor
120 V ac
90
%
harmonics
meets EN61000-3-2, 3
inrush current
25°C
5A
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage accuracy
of set point
±5
%
load regulation
±5
%
over voltage protection
auto restart
over current protection
auto restart
short circuit protection
auto restart
control
output dims without any flicker
dimming range
(conduction angle/output)
use with incandescent dimmer
30
147
degrees
SAFETY & COMPLIANCE
parameter
conditions/description
min
nom
max
units
safety approvals
UL60950-1, LPS, UL8750, EN61347-2-13
EMC/EMI
EN55015 class B, FCC class 47 CFR part 15 class B,
EN61000-4-(2,3,4,5,6,11), IEC 61000-3-(2,3)
ANSI c62.41-1991 category A1, 2.5 kV Ringwave
RoHS compliant
yes
leakage current
120 V ac
0.25
mA
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
case temperature without derating
-30
90
°C
operating humidity
non-condensing
5
95
%
storage temperature
-40
85
°C
surface temperature
exposed surfaces, under all operating conditions
90
°C
over temperature protection
auto restart
RELIABILITY
parameter
conditions/description
min
nom
max
units
MTBF
at 90°C case temperature, electrolytic life
50,000
hours


Similar Part No. - VLED15-230-600

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15-230-600 CUI-VLED15-230-600 Datasheet
146Kb / 5P
   LED DRIVER
VLED15-230-600 CUI-VLED15-230-600 Datasheet
157Kb / 5P
   LED DRIVER
VLED15-230-600 CUI-VLED15-230-600 Datasheet
281Kb / 5P
   LED DRIVER
09/16/2013
More results

Similar Description - VLED15-230-600

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com