Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNT12S0A0S05NFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNT12S0A0S05NFA
Description  Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0S05NFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNT12S0A0S05NFA Datasheet HTML 1Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 2Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0S05NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Delphi series DNT12 Non-Isolated Point of Load
DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
The Delphi series DNT12, 8.3V~14V input, 3A single output, non-isolated
point of load DC/DC converters are the latest offering from a world leader
in power systems technology and manufacturing -- Delta Electronics, Inc.
The DNT12, 3A series provides a programmable output voltage from
0.75V to 5.5V using external resistors. This product family is available in a
surface mount or SIP package and provides up to 3A of current in an
industry standard footprint. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance and extremely high
reliability under highly stressful operating conditions. The DNT12, 3A
modules have excellent thermal performance and can provide full output
current at up to 85℃ ambient temperature with no airflow.
OPTIONS
Positive on/off logic
SIP package
APPLICATIONS
Telecom/DataCom
Distributed power architectures
Servers and workstations
LAN/WAN applications
Data processing applications
FEATURES
High Efficiency: 93.0% @ 12Vin, 5.0V/3A out
Small size and low profile:
0.80” x 0.45” x 0.27” (SMD)
0.90” x 0.40” x 0.25” (SIP)
Standard footprint and pinout
Resistor-based trim
Output voltage programmable from
0.75Vdc to 5.5Vdc via external resistors
Pre-bias startup
No minimum load required
Fixed frequency operation
Input UVLO, OCP
Remote ON/OFF
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized,
and TUV (EN60950) - pending
CE mark meets 73/23/EEC and 93/68/EEC -
pending
PRELIMINARY DATASHEET
DS_DNT12SMD03_06252007


Similar Part No. - DNT12S0A0S05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
631Kb / 12P
   Fixed frequency operation
More results

Similar Description - DNT12S0A0S05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com