Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNT12S0A0R05NFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DNT12S0A0R05NFA
Description  Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.5Vo, 3A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNT12S0A0R05NFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DNT12S0A0R05NFA Datasheet HTML 3Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 4Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 5Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 6Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 7Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 8Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 9Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 10Page - Delta Electronics, Inc. DNT12S0A0R05NFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS_DNT12SMD03_06252007
7
FEATURES DESCRIPTIONS
Remote On/Off
The DNT series power modules have an On/Off pin for
remote On/Off operation. Both positive and negative
On/Off logic options are available in the DNT series
power modules.
For positive logic module, connect an open collector
(NPN) transistor or open drain (N channel) MOSFET
between the On/Off pin and the GND pin (see figure 22).
Positive logic On/Off signal turns the module ON during
the logic high and turns the module OFF during the logic
low. When the positive On/Off function is not used, leave
the pin floating or tie to Vin (module will be On).
For negative logic module, the On/Off pin is pulled high
with an external pull-up resistor (see figure 23) Negative
logic On/Off signal turns the module OFF during logic
high and turns the module ON during logic low. If the
negative On/Off function is not used, leave the pin
floating or tie to GND. (module will be On)
RL
Vo
Vin
On/Off
GND
I
ON/OFF
Figure 22: Positive remote On/Off implementation
Vo
Vin
On/Off
GND
Rpull-up
RL
I
ON/OFF
Figure 23: Negative remote On/Off implementation
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection.
When
the
over-current
protection
is
triggered, the unit enters hiccup mode. The units
operate normally once the fault condition is removed.
FEATURES DESCRIPTIONS (CON.)
Output Voltage Programming
The output voltage of the DNT can be programmed to any
voltage between 0.75Vdc and 5.5Vdc by connecting one
resistor (shown as Rtrim in Figure 25) between the TRIM
and GND pins of the module. Without this external
resistor, the output voltage of the module is 0.7525 Vdc.
To calculate the value of the resistor Rtrim for a particular
output voltage Vo, please use the following equation:
Rtrim
10500
2.5475
1000
⎛⎜
:=
Rtrim = 3.122 kΩ
DNT can also be programmed by applying a voltage
between the TRIM and GND pins (Figure 26). The
following equation can be used to determine the value of
Vtrim needed for a desired output voltage Vo:
Vtrim
0.7
Vo 0.7525
(
) 0.0667
⎡⎣
⎤⎦
:=
Vtrim is the external voltage in V
Vo is the desired output voltage
For example, to program the output voltage of a DNT
module to 3.3 Vdc, Vtrim is calculated as follows
Vtrim
0.7
2.5475 0.0667
(
)
:=
Rtrim
10500
Vo 0.7525
1000
⎛⎜
:=
Rtrim is the external resistor in Ω
Vo is the desired output voltage
For example, to program the output voltage of the DNT
module to 3.3Vdc, Rtrim is calculated as follows:


Similar Part No. - DNT12S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
625Kb / 13P
   Standard footprint and pinout
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
631Kb / 12P
   Fixed frequency operation
More results

Similar Description - DNT12S0A0R05NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNT12S0A0R05NFA DELTA-DNT12S0A0R05NFA Datasheet
451Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNT12S0A0S05NFA DELTA-DNT12S0A0S05NFA Datasheet
461Kb / 13P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com