Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFSD1-S24-S12-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VFSD1-S24-S12-SIP
Description  Dc-Dc Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFSD1-S24-S12-SIP Datasheet(HTML) 1 Page - CUI INC

  VFSD1-S24-S12-SIP Datasheet HTML 1Page - CUI INC VFSD1-S24-S12-SIP Datasheet HTML 2Page - CUI INC VFSD1-S24-S12-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VFSD1-SIP Series Dc-Dc Converter
Rev. 12-2010
1/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Features
·Isolated 1 W output
·Temperature range: -40°C~+85°C
·Unregulated
·High efficiency to 80%
·Single voltage output
·Small footprint
·SIP package style
·Industry standard pinout
·UL94-V0 package
·No heatsink required
·3K Vdc isolation
·Power density 0.85 W/cm³
·No external component required
·Low cost
Model
Input Voltage
Output
Output Current
Package
Number
Nominal
Range
Voltage
Max.
Min.
Efficiency
Style
UL60950
VFSD1-S3.3-S3.3-SIP
3.3 Vdc
3.00~3.60 Vdc
3.3 Vdc
300 mA
30 mA
72%
SIP
NO
VFSD1-S3.3-S5-SIP
3.3 Vdc
3.00~3.60 Vdc
5 Vdc
200 mA
20 mA
73%
SIP
NO
VFSD1-S5-S3.3-SIP
5 Vdc
4.5~5.5 Vdc
3.3 Vdc
300 mA
30 mA
72%
SIP
NO
VFSD1-S5-S5-SIP
5 Vdc
4.5~5.5 Vdc
5 Vdc
200 mA
20 mA
78%
SIP
YES
VFSD1-S5-S9-SIP
5 Vdc
4.5~5.5 Vdc
9 Vdc
111 mA
12 mA
78%
SIP
YES
VFSD1-S5-S12-SIP
5 Vdc
4.5~5.5 Vdc
12 Vdc
83 mA
9 mA
80%
SIP
YES
VFSD1-S5-S15-SIP
5 Vdc
4.5~5.5 Vdc
15 Vdc
67 mA
7 mA
81%
SIP
NO
VFSD1-S5-S24-SIP
5 Vdc
4.5~5.5 Vdc
24 Vdc
42 mA
5 mA
78%
SIP
NO
VFSD1-S12-S3.3-SIP
12 Vdc
10.8~13.2 Vdc
3.3 Vdc
300 mA
30 mA
73%
SIP
NO
VFSD1-S12-S5-SIP
12 Vdc
10.8~13.2 Vdc
5 Vdc
200 mA
20 mA
79%
SIP
YES
VFSD1-S12-S9-SIP
12 Vdc
10.8~13.2 Vdc
9 Vdc
111 mA
12 mA
79%
SIP
YES
VFSD1-S12-S12-SIP
12 Vdc
10.8~13.2 Vdc
12 Vdc
83 mA
9 mA
81%
SIP
YES
VFSD1-S12-S15-SIP
12 Vdc
10.8~13.2 Vdc
15 Vdc
67 mA
7 mA
81%
SIP
YES
VFSD1-S12-S24-SIP
12 Vdc
10.8~13.2 Vdc
24 Vdc
42 mA
5 mA
79%
SIP
NO
VFSD1-S15-S3.3-SIP
15 Vdc
13.5~16.5 Vdc
3.3 Vdc
300 mA
30mA
73%
SIP
NO
VFSD1-S15-S5-SIP
15 Vdc
13.5~16.5 Vdc
5 Vdc
200 mA
20 mA
74%
SIP
NO
VFSD1-S15-S9-SIP
15 Vdc
13.5~16.5 Vdc
9 Vdc
111 mA
12 mA
75%
SIP
NO
VFSD1-S15-S12-SIP
15 Vdc
13.5~16.5 Vdc
12 Vdc
83 mA
9 mA
79%
SIP
NO
VFSD1-S15-S15-SIP
15 Vdc
13.5~16.5 Vdc
15 Vdc
67 mA
7 mA
79%
SIP
NO
VFSD1-S15-S24-SIP
15 Vdc
13.5~16.5 Vdc
24 Vdc
42 mA
5 mA
79%
SIP
NO
VFSD1-S24-S3.3-SIP
24 Vdc
21.6~26.4 Vdc
3.3 Vdc
300 mA
30 mA
73%
SIP
NO
VFSD1-S24-S5-SIP
24 Vdc
21.6~26.4 Vdc
5 Vdc
200 mA
20 mA
79%
SIP
YES
VFSD1-S24-S9-SIP
24 Vdc
21.6~26.4 Vdc
9 Vdc
111 mA
12 mA
80%
SIP
YES
VFSD1-S24-S12-SIP
24 Vdc
21.6~26.4 Vdc
12 Vdc
83 mA
9 mA
80%
SIP
YES
VFSD1-S24-S15-SIP
24 Vdc
21.6~26.4 Vdc
15 Vdc
67 mA
7 mA
80%
SIP
YES
VFSD1-S24-S24-SIP
24Vdc
21.6~26.4 Vdc
24 Vdc
42 mA
5 mA
80%
SIP
NO
Description
Designed to convert fixed volt-
ages into an isolated voltage, the
VFSD1-SIP series is well suited for
providing board-mount local sup-
plies in a wide range of applica-
tions, including mixed analog/digi-
tal circuits, test & measurement
equip., process/machine controls,
datacom/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
0.1
1
W
Line Regulation
For Vin change of 1%, full load
1.2%
Load Regulation
10% to 100% full load, nominal line
10%
15%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
@ 100% load
0.03
%/°C
Output ripple
20 MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal input
83
100
125
KHz


Similar Part No. - VFSD1-S24-S12-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFSD1-S24-S12-SIP CUI-VFSD1-S24-S12-SIP Datasheet
316Kb / 3P
   Dc-Dc Converter
VFSD1-S24-S12-SIP CUI-VFSD1-S24-S12-SIP Datasheet
245Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VFSD1-S24-S12-SIP

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com