Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLED15-230-1000 Datasheet(PDF) 1 Page - CUI INC

Part # VLED15-230-1000
Description  LED DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15-230-1000 Datasheet(HTML) 1 Page - CUI INC

  VLED15-230-1000 Datasheet HTML 1Page - CUI INC VLED15-230-1000 Datasheet HTML 2Page - CUI INC VLED15-230-1000 Datasheet HTML 3Page - CUI INC VLED15-230-1000 Datasheet HTML 4Page - CUI INC VLED15-230-1000 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
03/2011
1 of 5
LED DRIVER
VLED15
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
MODEL
outut voltage1
output current
ouput power
input voltage
min.
(V dc)
max.
(V dc)
max.
(mA)
max.
(W)
nominal load
(V ac)
VLED15-120-350
24
48
350
16.8
115
VLED15-120-480
10
13.5
480
6.5
115
VLED15-120-600
8
12
600
7.2
115
VLED15-120-700
16
24
700
16.8
115
VLED15-120-800
8
12
800
9.6
115
VLED15-120-900
10
16
900
14.4
115
VLED15-120-900L
8
12
900
10.8
115
VLED15-120-1000
10
16
1,000
16
115
VLED15-120-1200
10
14.1
1,200
16.92
115
VLED15-120-1250
8
12
1,250
15
115
VLED15-120-14002
8
11.5
1,400
16.1
115
VLED15-120-1500
5
10
1,500
15
115
VLED15-230-350
24
48
350
16.8
230
VLED15-230-480
10
13.5
480
6.5
230
VLED15-230-600
8
12
600
7.2
230
VLED15-230-700
16
24
700
16.8
230
VLED15-230-800
8
12
800
9.6
230
VLED15-230-900
10
16
900
14.4
230
VLED15-230-900L
8
12
900
10.8
230
VLED15-230-1000
10
16
1,000
16
230
VLED15-230-1200
10
14.1
1,200
16.92
230
VLED15-230-1250
8
12
1,250
15
230
VLED15-230-14002
8
11.5
1,400
16.1
230
VLED15-230-1500
5
10
1,500
15
230
RoHS
FEATURES
•constant current
•high efficiency
•120 and 230 V ac inputs available
•0.35 ~ 1.5 A output current
•operates with industry standard dimmers
•compact encapsulated assembly
•active power factor correction
•over voltage, over current, over temperature,
short circuit protection: auto recovery
•high temperature operation (up to 90°C case)
•UL approved, ENEC approved, CE Mark
•long life > 50,000 hours
notes:
1. total LED forward voltage must be within these ratings under all conditions including dimming
2. 80°C maximum case rating


Similar Part No. - VLED15-230-1000

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15-230-1000 CUI-VLED15-230-1000 Datasheet
146Kb / 5P
   LED DRIVER
VLED15-230-1000 CUI-VLED15-230-1000 Datasheet
157Kb / 5P
   LED DRIVER
VLED15-230-1000 CUI-VLED15-230-1000 Datasheet
281Kb / 5P
   LED DRIVER
09/16/2013
More results

Similar Description - VLED15-230-1000

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com