Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48SH1R840NNFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # V48SH1R840NNFA
Description  Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SH1R840NNFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  V48SH1R840NNFA Datasheet HTML 1Page - Delta Electronics, Inc. V48SH1R840NNFA Datasheet HTML 2Page - Delta Electronics, Inc. V48SH1R840NNFA Datasheet HTML 3Page - Delta Electronics, Inc. V48SH1R840NNFA Datasheet HTML 4Page - Delta Electronics, Inc. V48SH1R840NNFA Datasheet HTML 5Page - Delta Electronics, Inc. V48SH1R840NNFA Datasheet HTML 6Page - Delta Electronics, Inc. V48SH1R840NNFA Datasheet HTML 7Page - Delta Electronics, Inc. V48SH1R840NNFA Datasheet HTML 8Page - Delta Electronics, Inc. V48SH1R840NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS_V48SH05017_07012009
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum,
nominal, and maximum input voltage at 25°C.
Figure 3: Typical full load input characteristics at room
temperature
70
73
76
79
82
85
88
91
94
4
8
12
16
20
48Vin
36Vin
75Vin
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
4
8
12
16
20
48Vin
36Vin
75Vin
0.5
1
1.5
2
2.5
3
3.5
30
35
40
45
50
55
60
65
70
75
INPUTVOLTAGE(V)


Similar Part No. - V48SH1R840NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
743Kb / 13P
   High efficiency: 89% @ 1.8V/30A
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
511Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA Datasheet
798Kb / 14P
   SMD and through-hole versions
V48SH1R840NNFA DELTA-V48SH1R840NNFA_13 Datasheet
511Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
More results

Similar Description - V48SH1R840NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH1R840NNFA DELTA-V48SH1R840NNFA_13 Datasheet
511Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules: 48V in, 1.8V, 40A out
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
V48SC12007NMFA DELTA-V48SC12007NMFA Datasheet
793Kb / 13P
   Delphi Series V48SC, 1/16th Brick 90W DC/DC Power Modules: 48V in, 12V, 7.5A out
V48SR3R320NNFA DELTA-V48SR3R320NNFA Datasheet
976Kb / 13P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 12V, 5.5A out
V36SE05010NRFA DELTA-V36SE05010NRFA_14 Datasheet
650Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
V36SE3R315NRFA DELTA-V36SE3R315NRFA_14 Datasheet
653Kb / 14P
   Delphi Series V36SE, 1/16th Brick DC/DC Power Modules
S48SP05007NRFB DELTA-S48SP05007NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com