Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR50SD120 Datasheet(PDF) 5 Page - Fuji Electric

Part # 7MBR50SD120
Description  PIM/Built-in converter with thyristor and brake
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR50SD120 Datasheet(HTML) 5 Page - Fuji Electric

  7MBR50SD120 Datasheet HTML 1Page - Fuji Electric 7MBR50SD120 Datasheet HTML 2Page - Fuji Electric 7MBR50SD120 Datasheet HTML 3Page - Fuji Electric 7MBR50SD120 Datasheet HTML 4Page - Fuji Electric 7MBR50SD120 Datasheet HTML 5Page - Fuji Electric 7MBR50SD120 Datasheet HTML 6Page - Fuji Electric 7MBR50SD120 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IGBT Module
7MBR50SD120
012
34
0
20
40
60
80
100
120
0.0
0.4
0.8
1.2
1.6
2.0
2
10
100
200
Tj=25°C
Tj=125°C
[ Inverter ]
Forward current vs. Forward on voltage (typ.)
Forward on voltage : VF [ V ]
0
20406080
10
100
300
Irr(125°C)
Irr(25°C)
trr(25°C)
trr(125°C)
[ Inverter ]
Reverse recovery characteristics (typ.)
Vcc=600V, VGE=±15V, Rg=24
Forward current : IF [ A ]
0.0
0.4
0.8
1.2
1.6
2.0
0
20
40
60
80
100
120
Tj= 25°C
Tj= 125°C
[ Converter ]
Forward current vs. Forward on voltage (typ.)
Forward on voltage : VFM [ V ]
0.001
0.01
0.1
1
0.01
0.1
1
5
Thyristor
Conv. Diode
Transient thermal resistance
Pulse width : Pw [ sec ]
FWD[Inverter]
IGBT[Brake]
IGBT[Inverter]
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
0.1
1
10
100
200
[ Thermistor ]
Temperature characteristic (typ.)
Temperature [ °C ]
[ Thyristor ]
On-state current vs. On-state voltage (typ.)
Tjw= 125°C


Similar Part No. - 7MBR50SD120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7MBR50SD120 ETC1-7MBR50SD120 Datasheet
430Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series)
More results

Similar Description - 7MBR50SD120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR25SC120 FUJI-7MBR25SC120_04 Datasheet
703Kb / 7P
   PIM/Built-in converter with thyristor and brake
7MBR50SC060 FUJI-7MBR50SC060 Datasheet
283Kb / 7P
   PIM/Built-in converter with thyristor and brake
7MBR35SD120 FUJI-7MBR35SD120_04 Datasheet
289Kb / 7P
   PIM/Built-in converter with thyristor and brake
7MBR100SD060 FUJI-7MBR100SD060 Datasheet
428Kb / 7P
   PIM/Built-in converter with thyristor and brake (600V / 100A / PIM)
7MBR75SD060 FUJI-7MBR75SD060 Datasheet
427Kb / 7P
   PIM/Built-in converter with thyristor and brake (600V / 75A / PIM)
logo
List of Unclassifed Man...
7MBR50SD120 ETC1-7MBR50SD120 Datasheet
430Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series)
logo
Fuji Electric
7MBR10SC120 FUJI-7MBR10SC120 Datasheet
416Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 10A / PIM
7MBR25SC120 FUJI-7MBR25SC120 Datasheet
422Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 25A / PIM
7MBR30SC060 FUJI-7MBR30SC060 Datasheet
429Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 600V / 30A / PIM
7MBR35SD120 FUJI-7MBR35SD120 Datasheet
420Kb / 7P
   PIM/Built-in converter with thyristor and brake (S series) 1200V / 35A / PIM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com