Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7MBR75VR120-50 Datasheet(PDF) 2 Page - Fuji Electric

Part # 7MBR75VR120-50
Description  IGBT MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR75VR120-50 Datasheet(HTML) 2 Page - Fuji Electric

  7MBR75VR120-50 Datasheet HTML 1Page - Fuji Electric 7MBR75VR120-50 Datasheet HTML 2Page - Fuji Electric 7MBR75VR120-50 Datasheet HTML 3Page - Fuji Electric 7MBR75VR120-50 Datasheet HTML 4Page - Fuji Electric 7MBR75VR120-50 Datasheet HTML 5Page - Fuji Electric 7MBR75VR120-50 Datasheet HTML 6Page - Fuji Electric 7MBR75VR120-50 Datasheet HTML 7Page - Fuji Electric 7MBR75VR120-50 Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
7MBR75VR120-50
2
IGBT Modules
Electrical characteristics (at Tj= 25°C unless otherwise specified)
Items
Symbols
Conditions
Characteristics
Units
min.
typ.
max.
Zero gate voltage collector current
ICES
VGE = 0V, VCE = 1200V
-
-
1.0
mA
Gate-Emitter leakage current
IGES
VGE = 0V, VGE = ±20V
-
-
200
nA
Gate-Emitter threshold voltage
VGE (th)
VCE = 20V, IC = 75mA
6.0
6.5
7.0
V
Collector-Emitter saturation voltage
VCE (sat)
(terminal)
VGE = 15V
IC = 75A
Tj=25°C
-
2.25
2.70
V
Tj=125°C
-
2.60
-
Tj=150°C
-
2.65
-
VCE (sat)
(chip)
VGE = 15V
IC = 75A
Tj=25°C
-
1.85
2.30
Tj=125°C
-
2.20
-
Tj=150°C
-
2.25
-
Input capacitance
Cies
VCE = 10V, VGE = 0V, f = 1MHz
-
6.0
-
nF
Turn-on time
ton
VCC = 600V
IC = 75A
VGE = +15 / -15V
RG = 2.2Ω
-
0.39
1.20
µs
tr
-
0.09
0.60
tr (i)
-
0.03
-
Turn-off time
toff
-
0.53
1.00
tf
-
0.06
0.30
Forward on voltage
VF
(terminal)
IF = 75A
Tj=25°C
-
2.10
2.55
V
Tj=125°C
-
2.25
-
Tj=150°C
-
2.20
-
VF
(chip)
IF = 75A
Tj=25°C
-
1.70
2.15
Tj=125°C
-
1.85
-
Tj=150°C
-
1.80
-
Reverse recovery time
trr
IF = 75A
-
-
0.1
µs
Zero gate voltage collector current
ICES
VGE = 0V
VCE = 1200V
-
-
1.0
mA
Gate-Emitter leakage current
IGES
VCE = 0V
VGE = +20 / -20V
-
-
200
nA
Collector-Emitter saturation voltage
VCE (sat)
(terminal)
VGE = 15V
IC = 50A
Tj=25°C
-
2.10
2.55
V
Tj=125°C
-
2.45
-
Tj=150°C
-
2.50
-
VCE (sat)
(chip)
VGE = 15V
IC = 50A
Tj=25°C
-
1.85
2.30
Tj=125°C
-
2.20
-
Tj=150°C
-
2.25
-
Turn-on time
ton
VCE = 600V
IC = 50A
VGE = +15 / -15V
RG = 15Ω
-
0.39
1.20
µs
tr
-
0.09
0.60
Turn-off time
toff
-
0.53
1.00
tf
-
0.06
0.30
Reverse current
IRRM
VR = 1200V
-
-
1.00
mA
Forward on voltage
VFM
(chip)
IF = 75A
terminal
-
1.80
2.10
V
chip
-
1.40
-
Reverse current
IRRM
VR = 1600V
-
-
1.0
mA
Resistance
R
T = 25°C
-
5000
-
T = 100°C
465
495
520
B value
B
T = 25 / 50°C
3305
3375
3450
K
Thermal resistance characteristics
Items
Symbols
Conditions
Characteristics
Units
min.
typ.
max.
Thermal resistance (1device)
Rth(j-c)
Inverter IGBT
-
-
0.39
°C/W
Inverter FWD
-
-
0.55
Brake IGBT
-
-
0.54
Converter Diode
-
-
0.43
Contact thermal resistance (1device) (*4)
Rth(c-f)
with Thermal Compound
-
0.05
-
Note *4: This is the value which is defined mounting on the additional cooling fin with thermal compound.


Similar Part No. - 7MBR75VR120-50

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR75VN120-50 FUJI-7MBR75VN120-50 Datasheet
820Kb / 8P
   IGBT MODULE
7MBR75VP060-50 FUJI-7MBR75VP060-50 Datasheet
778Kb / 8P
   IGBT MODULE
7MBR75VX120-50 FUJI-7MBR75VX120-50 Datasheet
875Kb / 8P
   IGBT MODULE
More results

Similar Description - 7MBR75VR120-50

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com