Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERB81-004 Datasheet(PDF) 2 Page - Fuji Electric

Part # ERB81-004
Description  SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERB81-004 Datasheet(HTML) 2 Page - Fuji Electric

  ERB81-004 Datasheet HTML 1Page - Fuji Electric ERB81-004 Datasheet HTML 2Page - Fuji Electric ERB81-004 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ERB81-004 (2.0A)
(40V / 2.0A )
Characteristics
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj=150
o
C
Tj=125
o
C
Tj=100
o
C
Tj=25
o
C
Forward Characteristic (typ.)
VF
Forward Voltage
(V)
0
10
20304050
10
-3
10
-2
10
-1
10
0
10
1
Tj=150
o
C
Tj=25
o
C
Tj=100
o
C
Tj=125
oC
Reverse Characteristic (typ.)
VR
Reverse Voltage
(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Per 1element
DC
Square wave
λ=180
o
Sine wave
λ=180
o
Square wave
λ=120
o
Square wave
λ=60
o
Forward Power Dissipation
Io
Average Forward Current
(A)
360°
Io
λ
0
1020304050
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Reverse Power Dissipation
α =180
o
DC
VR
Reverse Voltage
(V)
360°
VR
α
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160
VR=30V
Square wave
λ=120
o
Square wave
λ=60
o
Square wave
λ=180
o
Sine wave
λ=180
o
DC
Current Derating (Io-Ta)
Ta
Ambient Temperature
(
o
C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
90
100
110
120
130
140
150
160
Square wave
λ=120
o
Square wave
λ=60
o
Square wave
λ=180
o
Sine wave
λ=180
o
DC
Current Derating (Io-Tl)
Tl
Lead Temperature
(
o
C)


Similar Part No. - ERB81-004

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ERB81-004 FUJI-ERB81-004 Datasheet
71Kb / 4P
   SCHOTTKY BBARRIER DIODE
logo
EIC discrete Semiconduc...
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
More results

Similar Description - ERB81-004

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com