Selected language     English  ▼


F-1V2A Datasheet(PDF) 1 Page - THOR communications

Part No. F-1V2A
Description  Typical F-1V2A Application
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  THOR [THOR communications]
Homepage  http://www.thorfiber.com
Logo 

   
 1 page
background image
Data Sheet: F-LAN
Data Sheet:
F-LAN
We offer both off the shelf and custom
solutions for video transmission over
fiber. Our fiber optics video converters
are ideal for multiplexing up to 32
composite video channels and 64 audio
channels over fiber. We also offer bi-directional transport of signals in both directions over a single
fiber. The F-1V2A is a video multiplexer and video to fiber system that carries one channel of
composite video and 2 channels of audio over a single fiber. The video and audio signals are
transported by 10 bit digital transmission techniques which eliminates signal degradation. Our units
work with standard singlemode or multimode optical fiber with fiber optic transmission distances of up
to 120 km when used with singlemode fiber.
Typical F-1V2A Application
Technical Specifications
Standards:
NTSC, PAL, SECAM
Channels:
1 Baseband Video & 2 Audio
Video Bandwidth
10Hz – 6.5MHz
SNR/dP/dG
67 dB < 1 deg / < 0.5%
Video Input
1 Vp-p 75 ohm
Audio
Terminal Block, 600 ohm
Optical Wavelength
1310nm – 40 Km
1550nm – 80 Km
Tx Output Power
-5 dBm
Rx Sensitivity
-30 dBm
Saturation
No
Operating Temp:
0 – 50 (°C)
Storage Temp:
-20 – 70 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
480mmX225mmX44mm
www.thorfiber.com
Video/Audio In
Video/Audio Out




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl