Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB3D9N40TA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB3D9N40TA
Description  N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB3D9N40TA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB3D9N40TA Datasheet HTML 1Page - KEC(Korea Electronics) KMB3D9N40TA Datasheet HTML 2Page - KEC(Korea Electronics) KMB3D9N40TA Datasheet HTML 3Page - KEC(Korea Electronics) KMB3D9N40TA Datasheet HTML 4Page - KEC(Korea Electronics) KMB3D9N40TA Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2008. 6. 10
2/5
KMB3D9N40TA
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, IDS=250 A
40
-
-
V
Drain Cut-off Current
IDSS
VGS=0V, VDS=32V
-
-
0.5
A
VGS=0V, VDS=32V, Tj=55
-
-
10
Gate Leakage Current
IGSS
VGS= 20V, VDS=0V
-
-
100
nA
Gate Threshold Voltage
Vth*
VDS=VGS, ID=250 A
1.0
-
3.0
V
Drain-Source ON Resistance
RDS(ON)*
VGS=10V, ID=3.9A
-
29
45
m
VGS=4.5V, ID=3.5A
-
42
58
Forward Transconductance
gfs*
VDS=10V, ID=3.9A
-
11
-
S
Dynamic
Input Capaclitance
Ciss
VDS=20V, f=1MHz, VGS=0V
-
446
-
pF
Ouput Capacitance
Coss
-
78
-
Reverse Transfer Capacitance
Crss
-
40
-
Total Gate Charge
Qg*
VDS=20V, VGS=10V, ID=3.9A
-
9.3
-
nC
Gate-Source Charge
Qgs*
-
1.8
-
Gate-Drain Charge
Qgd*
-
2.0
-
Turn-On Delay Time
td(on)*
VDD=20V, VGS=10V
ID=1A, RG=6
-
10.3
-
ns
Turn-On Rise Time
tr*
-
5.4
-
Turn-Off Delay Time
td(off)*
-
28.2
-
Turn-Off Fall Time
tf*
-
4.0
-
Source-Drain Diode Ratings
Source-Drain Forward Voltage
VSDF*
VGS=0V, IS=1A
-
0.8
1.2
V
Note > *Pulse Test : Pulse width <300
, Duty cycle < 2%


Similar Part No. - KMB3D9N40TA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB3D0P30SA KEC-KMB3D0P30SA Datasheet
471Kb / 5P
   P-Ch Trench MOSFET
KMB3D0P30SA KEC-KMB3D0P30SA_15 Datasheet
848Kb / 4P
   P-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA_15 Datasheet
825Kb / 5P
   N-Ch Trench MOSFET
KMB3D5PS30QA KEC-KMB3D5PS30QA Datasheet
469Kb / 5P
   SBD and P-Ch Trench MOSFET
More results

Similar Description - KMB3D9N40TA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com