Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5V49EE901PGGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 5V49EE901PGGI8
Description  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE901PGGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 5V49EE901PGGI8 Datasheet HTML 4Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 5Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 6Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 7Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 8Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 9Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 10Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 11Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
IDT5V49EE901
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
8
IDT5V49EE901
REV J 022310
values range from 1 to 6. Values of 0 and 7 should not be
used.
SS_OFFSET[5:0]
These bits are used to program the fractional offset with
respect to the nominal M integer value. For center spread,
the SS_OFFSET is set to '0' so that the spread spectrum
waveform is centered about the nominal M (Mnom) value.
For down spread, the SS_OFFSET > '0' such the spread
spectrum waveform is centered about the (Mideal -1
+SS_Offset) value. The downspread percentage can be
thought of in terms of center spread. For example, a
downspread of -1% can also be considered as a center
spread of ±0.5% but with Mnom shifted down by one and
offset. The SS_OFFSET has integer values ranging from 0
to 63.
SD[3:0]
These bits are used to shape the profile of the spread
spectrum waveform. These are delta-encoded samples of
the waveform. There are twelve sets of SD samples. The
NSSC bits determine how many of these samples are used
for the waveform. The sum of these delta-encoded samples
(sigma delta- encoded samples) determine the amount of
spread and should not exceed (63 - SS_OFFSET). The
maximum spread is inversely proportional to the nominal M
integer value.
DITH
This bit is used for dithering the sigma-delta-encoded
samples. This will randomize the least-significant bit of the
input to the spread spectrum modulator. Set the
bit to '1' to
enable dithering.
X2
This bit will double the total value of the
sigma-delta-encoded-samples which will increase the
amplitude of the spread spectrum waveform by a factor of
two. When X2 is '0', the amplitude remains nominal but if set
to '1', the amplitude is increased by x2. The following
equations govern how the spread spectrum is set:
TSSC = TSSC[3:0] + 2 (Eq. 2)
NSSC = NSSC[2:0] * 2 (Eq. 3)
SD[3:0]K = SJ+1(unencoded) - SJ(unencoded) (Eq. 4)
where SJ is the unencoded sample out of a possible 12 and
SDK is the delta-encoded sample out of a possible 12.
Amplitude = ((2*N[11:0] + A[3:0] + 1) * Spread% / 100) /2
(Eq. 5)
if 1 < Amplitude < 2, then set X2 bit to '1'.
Modulation frequency:
FPFD = FIN / D (Eq. 6)
FVCO = FPFD * MNOM (Eq. 7)
FSSC = FPFD / (4 * Nssc * Tssc) (Eq. 8)
Spread:
Σ∆ = SD0 + SD1 + SD2 + …+ SD11
the number of samples used depends on the NSSC value
Σ∆< 63 - SS_OFFSET
±Spread% =
(
Σ∆ * 100)/(64 * (2*N[11:0] + A[3:0] + 1) (Eq. 9)
±Max Spread% / 100 = 1 / MNOM or 2 / MNOM (X2=1)


Similar Part No. - 5V49EE901PGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V49EE901PGGI8 IDT-5V49EE901PGGI8 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE901PGGI8 RENESAS-5V49EE901PGGI8 Datasheet
597Kb / 37P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

Similar Description - 5V49EE901PGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com