Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3507L Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N3507L
Description  Type 2N3507L Geometry 1506 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3507L Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N3507L Datasheet HTML 1Page - Semicoa Semiconductor 2N3507L Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N3507L
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Emitter Cutoff Current
VCE = 60 V, VEB = 4 V
Collector-Emitter Cutoff Current
VCE = 60 V, VEB = 4 V, TA = +150
oC
Collector Current Continuous
VCB = 50 V
IC
3.0
---
A
ICEX2
---
1.0
µA
ICEX1
---
1.0
µA
V
V(BR)EBO
5.0
---
V(BR)CEO
50
---
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
80
---
V
ON Characteristics
Symbol
Min
Max
Unit
DC Current Gain
IC = 500 mA, VCE = 1 V (pulsed)
hFE1
35
175
---
IC = 1.5 A, VCE = 2 V (pulsed)
hFE2
30
150
---
IC = 2.5 A, VCE = 3 V (pulsed)
hFE3
25
---
---
IC = 3.0 A, VCE = 5 V (pulsed)
hFE4
20
---
---
IC = 500 mA, VCE= 1 V (pulsed), TA = -55
oC
hFE5
17
---
---
Base-Emitter Saturation Voltage
IC = 500 mA, IB = 50 mA (pulsed)
VBE(sat)1
---
1.0
V dc
IC = 1.5 A, IB = 150 mA (pulsed)
VBE(sat)2
0.9
1.4
V dc
IC = 2.5 A, IB = 250 mA (pulsed)
VBE(sat)3
---
2.0
V dc
Collector-Emitter Saturation Voltage
IC = 500 mA, IB = 50 mA (pulsed)
VCE(sat)1
---
0.5
V dc
IC = 1.5 A, IB = 150 mA (pulsed)
VCE(sat)2
---
1.0
V dc
IC = 2.5 A, IB = 250 mA (pulsed)
VCE(sat)3
---
1.5
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter, Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 5 V, IC = 100 mA, f = 20 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 3 V, IC = 0, 100 kHz < f < 1 MHz
pF
CIBO
---
300
pF
COBO
---
40
|hFE|
3.0
15
---
Pulse Response Characteristics
Symbol
Min
Max
Unit
Delay Time
IC = 1.5 A, IB1 = 150 mA
Rise Time
IC = 1.5 A, IB1 = 150 mA
Storage Time
IC = 1.5 mA, IB2 = IB1 = 150 mA
Fall Time
IC = 1.5 mA, IB2 = IB1 = 150 mA
30
ns
tr
---
td
---
15
ns
ts
---
55
ns
tf
---
35
ns


Similar Part No. - 2N3507L

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3507L SEMICOA-2N3507L Datasheet
31Kb / 1P
   Chip Type 2C3506 Geometry 1506 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
109Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N3507L MICROSEMI-2N3507L Datasheet
96Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N3507L SEMICOA-2N3507L_07 Datasheet
109Kb / 2P
   Silicon NPN Transistor
More results

Similar Description - 2N3507L

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3506 SEMICOA-2N3506 Datasheet
45Kb / 2P
   Type 2N3506 Geometry 1506 Polarity NPN
2N3507 SEMICOA-2N3507 Datasheet
46Kb / 2P
   Type 2N3507 Geometry 1506 Polarity NPN
2N3506L SEMICOA-2N3506L Datasheet
45Kb / 2P
   Type 2N3506L Geometry 1506 Polarity NPN
2C3506 SEMICOA-2C3506 Datasheet
31Kb / 1P
   Chip Type 2C3506 Geometry 1506 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
   Type 2N3960 Geometry 0003 Polarity NPN
2N5238 SEMICOA-2N5238 Datasheet
55Kb / 2P
   Type 2N5238 Geometry 3111 Polarity NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com