Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5546 Datasheet(PDF) 9 Page - Fuji Electric

Part # FA5546
Description  Switching Power Supply Control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5546 Datasheet(HTML) 9 Page - Fuji Electric

Back Button FA5546 Datasheet HTML 5Page - Fuji Electric FA5546 Datasheet HTML 6Page - Fuji Electric FA5546 Datasheet HTML 7Page - Fuji Electric FA5546 Datasheet HTML 8Page - Fuji Electric FA5546 Datasheet HTML 9Page - Fuji Electric FA5546 Datasheet HTML 10Page - Fuji Electric FA5546 Datasheet HTML 11Page - Fuji Electric FA5546 Datasheet HTML 12Page - Fuji Electric FA5546 Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
AN-027E Rev.0.4
April -2011
9
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
FA5546/47
High-voltage input section
(VH pin、VCC pin)
Item
Symbol
Conditions
MIN
TYP
MAX
Unit
IHrun
VH=450V,
VCC > VCCon
90
130
170
uA
Input Current of VH pin
IHstb
VH =120V,
VCC =0V
3.5
6.2
9.0
mA
Threshold voltage level at
brown-out (VH pin)
VthBO
VH pin:
Decreasing
92
99
106
V
Threshold voltage level at
Brown-in (VH pin)
VthBI
VH pin:
Increasing
97
104
111
V
Brown-out Delay time
TpdBO
45
50
55
ms
VCCBH
VH=80V,
Upper level
17
18
19
V
VCC voltage at Brown‐out
VCCBL
VH=80V,
Lower level
14.5
15.5
16.5
V
VCCLH
H
VH =120V,
1 time clamp
13
14.5
16
V
VCCLH
VH=120V,
Upper level
12
13
14
V
VCC voltage at Latch
VCCLL
VH =120V,
Lower level
11
12
13
V
Ipre1
VCC =16V,
VH =120V
-8
-4.9
-2
mA
Charge current for VCC pin
Ipre2
VCC =11V,
VH =120V
at Latch
-8.2
-5.3
-2.8
mA
Power supply current
(VCC pin)
Item
Symbol
Conditions
MIN
TYP
MAX
Unit
ICCop1
Duty cycle=Dmax
VFB=2V,OUT=No
Load
1.0
1.3
1.6
mA
Operating-state
supply current
ICCop2
Duty cycle=0%
VFB=0V
0.95
1.25
1.55
mA
Supply current at Brownout
ICCbo
VH=80V,
FB=open
VCC=14.5V
600
800
1100
uA
Latch mode supply current
ICClat
FB=open,
VCC=11V
600
800
1100
uA
VCC pin zenner clamp
voltage
VCCzd
OUT:No Load
Icc=2mA
28
30
34
V
*1:This parameter is not 100% tested in production but guaranteed by design.
It doesn’t guarantee the column of ‘-’ to have been specified.


Similar Part No. - FA5546

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5541 FUJI-FA5541 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
FA5542 FUJI-FA5542 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
More results

Similar Description - FA5546

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com