Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3700 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N3700
Description  Type 2N3700 Geometry 4500 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3700 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N3700 Datasheet HTML 1Page - Semicoa Semiconductor 2N3700 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N3700
Geometry 4500
Polarity NPN
Qual Level: JAN - JANS
Data Sheet No. 2N3700
Generic Part Number:
2N3700
REF: MIL-PRF-19500/391
Features:
• General-purpose low power sili-
con transistor.
• Housed in TO-46 case.
• Also available in chip form using
the 4500 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/391 which
Semicoa meets in all cases.
• Radiation graphs available.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
80
V
Collector-Base Voltage
VCBO
140
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current, Continuous
IC
1.0
A
Operating Junction Temperature
TJ
-55 to +200
oC
Storage Temperature
TSTG
-55 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
TO-46


Similar Part No. - 2N3700

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3700 STMICROELECTRONICS-2N3700 Datasheet
43Kb / 4P
   GENERAL PURPOSE AMPLIFIERS
January 1989
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
534Kb / 1P
   Small Signal Transistors
logo
Semicoa Semiconductor
2N3700 SEMICOA-2N3700 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
Central Semiconductor C...
2N3700 CENTRAL-2N3700 Datasheet
541Kb / 2P
   SILICON NPN TRANSISTORS
logo
Boca Semiconductor Corp...
2N3700 BOCA-2N3700 Datasheet
138Kb / 3P
   GENERAL TRANSISTOR NPN SILICON
More results

Similar Description - 2N3700

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3700UB SEMICOA-2N3700UB Datasheet
46Kb / 2P
   Type 2N3700UB Geometry 4500 Polarity NPN
2N1893S SEMICOA-2N1893S Datasheet
64Kb / 2P
   Type 2N1893S Geometry 4500 Polarity NPN
2N3019S SEMICOA-2N3019S Datasheet
45Kb / 2P
   Type 2N3019S Geometry 4500 Polarity NPN
2N3057A SEMICOA-2N3057A Datasheet
45Kb / 2P
   Type 2N3057A Geometry 4500 Polarity NPN
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
2C3019 SEMICOA-2C3019 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com