Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5592 Datasheet(PDF) 2 Page - Fuji Electric

Part # FA5592
Description  PWM Power Supply IC with Low Standby Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5592 Datasheet(HTML) 2 Page - Fuji Electric

  FA5592 Datasheet HTML 1Page - Fuji Electric FA5592 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009-4/10FIS Printed in Japan
■ Comparison of standby power and efficiency (power supply specification: 65 W) with conventional models
■ Comparison between FA5592 series and conventional models
Item
New model
Conventional models
Merits
FA5592 series
FA5547 series
FA5553 series
Switching frequency (fosc)
65kHz/100kHz
60kHz/100kHz
60kHz/100kHz
Miniaturization
Frequency variation
fosc±6.5%
EMI
Frequency reduction start FB
voltage
1.7V
1.2V
1.2V
Efficiency
Brownout
Available
Available
Reduced parts count
Over-current detection level
-0.5V
-1V
-1V
Efficiency
Peak load support
Available
Available
Reduced parts count
■ Example of power supply configuration
Information in this catalog is subject to change without notice.
FA5592
FA5592


Similar Part No. - FA5592

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA5591 FUJI-FA5591 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
More results

Similar Description - FA5592

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-W6200D SANKEN-STR-W6200D Datasheet
85Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6000 SANKEN-STR-A6000 Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6000 SANKEN-STR-A6000_11 Datasheet
132Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
logo
ON Semiconductor
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
logo
Diodes Incorporated
ZXGD3105N8 DIODES-ZXGD3105N8 Datasheet
380Kb / 13P
   Low standby power with quiescent supply current < 1mA
logo
Panasonic Semiconductor
AN8027 PANASONIC-AN8027 Datasheet
301Kb / 28P
   AC-DC switching power supply control IC with standby mode
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_08 Datasheet
199Kb / 21P
   Low-Standby Power High Performance PWM Controller
January, 2008 - Rev. 9
logo
Wuxi Chipown Micro-elec...
PN8106 CHIPOWN-PN8106 Datasheet
300Kb / 8P
   Low Standby-Power Off-line PWM converters
Rev.B
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
logo
AiT Semiconductor Inc.
AP8012 AITSEMI-AP8012 Datasheet
629Kb / 11P
   LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com