Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5605 Datasheet(PDF) 8 Page - Fuji Electric

Part # FA5605
Description  FUJI Power Supply Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5605 Datasheet(HTML) 8 Page - Fuji Electric

Back Button FA5605 Datasheet HTML 4Page - Fuji Electric FA5605 Datasheet HTML 5Page - Fuji Electric FA5605 Datasheet HTML 6Page - Fuji Electric FA5605 Datasheet HTML 7Page - Fuji Electric FA5605 Datasheet HTML 8Page - Fuji Electric FA5605 Datasheet HTML 9Page - Fuji Electric FA5605 Datasheet HTML 10Page - Fuji Electric FA5605 Datasheet HTML 11Page - Fuji Electric FA5605 Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
AN-033E Rev.1.2
April-2011
8
FA5604/5605/5606
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
Latch Protection Section (CS pin)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Latch threshold voltage
VthLAT
6.6
7.3
7.7
V
Latch delay time
TpdLAT
35
50
70
s
Clamp voltage of CS pin
VCSP
ICS=2mA
13
15
17
V
Frequency Control Section at Overload (VF pin)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Threshold voltage of frequency
reducing at overload
VVF
FB=open
3.9
4.2
4.5
V
FA5604
145
165
Fosc
FoscL1
Rt=12kΩ
FB=open, VF=5V
FA5605/06
155
180
Fosc
kHz
FA5604
90
115
160
Switching frequency at overload
FoscL2
Rt=12kΩ
FB=open, VF=2V
FA5605/06
110
140
170
kHz
FA5604
-15
-7.5
0
Difference of switching frequency
Foscdiff2
Rt=24kΩ
FB=open, VF=5V
FA5605/06
-10
-5
0
%
VF voltage at timer enable
VFcstim
2.7
3.0
3.3
V
VF voltage at timer reset
VFcstmr
FB=open,VF increasing
3.15
3.5
3.85
V
Hysteresis width at timer
Vhyscst
VFcstmr-VFcstim
0.45
0.5
0.55
V
Input bias current at VF pin
IVF
VF=0V
-2
-0.5
-
A
Hiccup Section (CS pin)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VcstimH
4.9
5.7
6.5
V
Threshold voltage of timer
VcstimL
3.3
3.8
4.3
V
Voltage width of timer
VcstimW
1.5
1.9
2.3
V
Difference voltage between
timer-upper voltage and Latch
threshold voltage
VcsdLT
VCC=18V, Ccs=10nF
0.9
1.6
2.5
V
Timer Charge current
Icschg2
-13
-10
-7
A
Timer Charge current
Icsdis2
7
10
13
A
Delay time of OLP
Tolp1
VCC=18V, Ccs=10nF
179
256
333
ms
FA5604/06
1225
1792
2330
The time of OLP
Tolp2
VCC=18V,
Ccs=10nF
FA5605
2688
3840
4992
ms
FA5604/06
-
7
-
Time ratio of OFF/ON time
Konoff
Tolp2/Tolp1
FA5605
-
15
-
Under Voltage Lock Out Section (VCC pin)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Startup threshold voltage
VCCON
15.5
17.5
19.5
V
Shutdown threshold voltage
VCCOFF
8.5
9.7
10.5
V
UVLO hysteresis width
VCCHYS
6
7.8
10
V


Similar Part No. - FA5605

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA56-11 ETC-FA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Fuji Electric
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA5612N FUJI-FA5612N Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA5612P FUJI-FA5612P Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA5613 FUJI-FA5613 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
More results

Similar Description - FA5605

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com