Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3700UB Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part # 2N3700UB
Description  Type 2N3700UB Geometry 4500 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3700UB Datasheet(HTML) 2 Page - Semicoa Semiconductor

  2N3700UB Datasheet HTML 1Page - Semicoa Semiconductor 2N3700UB Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N3700UB
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 100 µA
Collector-Emitter Breakdown Voltage
IC = 30 mA
Emitter-Base Breakdown Voltage
IE = 100 µA
Collector-Emitter Cutoff Current
VCE = 90 V
Emitter-Base Cutoff Current
VEB = 5 V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
140
---
V
V(BR)CEO
80
---
V
V
V(BR)EBO
7.0
---
ICES
---
10
nA
IEBO
---
10
nA
ON Characteristics
Symbol
Min
Max
Unit
DC Current Gain
IC = 150 mA, VCE = 10 V
hFE1
100
300
---
IC = 0.1 mA, VCE = 10 V
hFE2
50
200
---
IC = 10 mA, VCE = 10 V (pulsed)
hFE3
90
---
---
IC = 500 mA, VCE = 10 V (pulsed)
hFE4
50
200
---
IC = 1 A, VCE = 10 V (pulsed)
hFE5
15
---
---
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulsed)
VBE(sat)
---
1.1
V dc
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA (pulsed)
VCE(sat)1
---
0.2
V dc
IC = 500 mA, IB = 50 mA (pulsed)
VCE(sat)2
---
0.5
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 1 mA, VCE = 5 V, f = 1 kHz
Magnitude of Common Emitter, Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 10 V, IC = 50 mA, f = 200 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 2.0 V, IC = 0, 100 kHz < f < 1 MHz
Collector-Base Time Constant
VCB = 10 V, IC = 10 mA, f = 79.8 MHz
Noise Figure
VCE = 10 V, IC = 100 µA, Rg = 1 kOhm
|hFE|
5.0
20
---
pF
CIBO
---
60
pF
COBO
---
12
AC hFE
80
400
---
rb'CC
---
400
ps
NF
---
4
dB
Switching Characteristics
Symbol
Min
Max
Unit
Pulse Response
15 ns, 50 ohm input pulse
tON + tOFF
---
30
ns


Similar Part No. - 2N3700UB

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3700UB SEMICOA-2N3700UB Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
logo
M/A-COM Technology Solu...
2N3700UB MA-COM-2N3700UB Datasheet
573Kb / 5P
   NPN Low Power Silicon Transistor
logo
Microsemi Corporation
2N3700UB MICROSEMI-2N3700UB Datasheet
432Kb / 7P
   Low Power NPN Silicon Transistor
2013
More results

Similar Description - 2N3700UB

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N1893S SEMICOA-2N1893S Datasheet
64Kb / 2P
   Type 2N1893S Geometry 4500 Polarity NPN
2N3700 SEMICOA-2N3700 Datasheet
45Kb / 2P
   Type 2N3700 Geometry 4500 Polarity NPN
2N3019S SEMICOA-2N3019S Datasheet
45Kb / 2P
   Type 2N3019S Geometry 4500 Polarity NPN
2N3057A SEMICOA-2N3057A Datasheet
45Kb / 2P
   Type 2N3057A Geometry 4500 Polarity NPN
2C1893 SEMICOA-2C1893 Datasheet
42Kb / 1P
   Chip Type 2C1893 Geometry 4500 Polarity NPN
2C3019 SEMICOA-2C3019 Datasheet
31Kb / 1P
   Chip Type 2C3019 Geometry 4500 Polarity PNP
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com