Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5640 Datasheet(PDF) 9 Page - Fuji Electric

Part # FA5640
Description  Fuji Switching Power Supply Control IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5640 Datasheet(HTML) 9 Page - Fuji Electric

Back Button FA5640 Datasheet HTML 5Page - Fuji Electric FA5640 Datasheet HTML 6Page - Fuji Electric FA5640 Datasheet HTML 7Page - Fuji Electric FA5640 Datasheet HTML 8Page - Fuji Electric FA5640 Datasheet HTML 9Page - Fuji Electric FA5640 Datasheet HTML 10Page - Fuji Electric FA5640 Datasheet HTML 11Page - Fuji Electric FA5640 Datasheet HTML 12Page - Fuji Electric FA5640 Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AN-064E Rev.1.1
April 2011
9
FA5640/41/42
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
Zero current detection part (ZCD pin)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Vthzcd1
Vzcd decreasing
40
60
80
mV
Input threshold voltage
Vthzcd2
Vzcd increasing
100
150
220
mV
Hysteresis
Vhyzcd
Vthzcd2-Vthzcd1
30
90
150
mV
Minimum detectable
pulse width
Tzcdmin
ZCD input pulse
Vpulse=1V to 0V
f=100kHz
300
ns
Vih
Izcd=+3mA
(high state)
6.5
7.5
9.5
V
Input clamp voltage
Vil
Izcd=-2mA
(low state)
-1.0
-0.8
-0.4
V
ZCD pin internal r
esistance
Rzcd
Vzcd=1V to 5V
22.5
30
37.5
ZCD pin propagation delay time
Tzcd
ZCD pulse:1V to 0V,
OUT: turn-on
50
150
300
ns
Tb12
Changed 1st bottom to
2nd bottom
8.1
9.0
9.9
us
Tb21
Changed 2nd bottom to
1st bottom
12.6
14.0
15.4
us
Tb23
Changed 2nd bottom to
3rd bottom
7.2
8.0
8.8
us
Tb32
Changed 3rd bottom to
2nd bottom
10.5
11.67
12.84
us
Tb34
Changed 3rd bottom to
4th bottom
6.3
7.0
7.7
us
The ON/OFF pulse width of
changed number of bottom at
turn-on
Tb43
Changed 4th bottom to
3rd bottom
9.0
10.0
11.0
us
FA5640,FA5642
OUT=low, Vzcd=0V
20
25
30
us
Timeout after last ZCD trigger
Trestart
FA5641
OUT=low, Vzcd=0V
6.7
7.6
8.5
us
Over-voltage protection part (ZCD pin)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Over-voltage threshold voltage
Vovp
Vzcd is increased, and
timer latch function is
operated
5.7
6.0
6.3
V
Over-voltage detection timing
Tlat1
Delay from turn-off
3.5
4.5
5.5
us
Delay time to latch-off
Tlat2
Delay from upper the
Vovp voltage
40
60
80
us
Overload protection part (FB pin)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Volp1
Vfb increasing
3.3
3.5
3.8
V
OLP threshold voltage
Volp2
Vfb decreasing
3.0
3.3
3.6
V
Hysteresis
Hysolp
Volp1-Volp2
0.1
0.2
0.3
V
Fault time duration
Tolp
Delay from
Vfb>Volp1
140
200
260
ms
Auto recovery mode latch-off
time duration
Toff
The OFF time only by
internal signal
980
1400
1820
ms


Similar Part No. - FA5640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA56-11 ETC-FA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Fuji Electric
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5605 FUJI-FA5605 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5606 FUJI-FA5606 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
More results

Similar Description - FA5640

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com