Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7700V Datasheet(PDF) 4 Page - Fuji Electric

Part # FA7700V
Description  FUJI Power Supply Control IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7700V Datasheet(HTML) 4 Page - Fuji Electric

  FA7700V Datasheet HTML 1Page - Fuji Electric FA7700V Datasheet HTML 2Page - Fuji Electric FA7700V Datasheet HTML 3Page - Fuji Electric FA7700V Datasheet HTML 4Page - Fuji Electric FA7700V Datasheet HTML 5Page - Fuji Electric FA7700V Datasheet HTML 6Page - Fuji Electric FA7700V Datasheet HTML 7Page - Fuji Electric FA7700V Datasheet HTML 8Page - Fuji Electric FA7700V Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
                                                       
4
Quality is our message
Quality is our message
Quality is our message
Quality is our message
1.
. Description
FA7700V/FA7701V are the PWM type DC to DC converter control ICs with 1ch output that can directly drive power
MOSFETs. CMOS devices with high breakdown voltage are used in these ICs and low power consumption is
achieved. These ICs have the many functions equivalent to those which our conventional version bipolar ICs –
FA76XX series- have,and have merits of output ON/OFF control function,directly driving Nch/Pch MOSFETs,low
power consumption , higher frequency operation, and less external discrete components.
2.
. Features
・Wide range of supply voltage.: VCC=2.5 to 20V
・FA7700V—for boost, flyback converter (Maximum output duty cycle is 80%)
 FA7701V—for buck converter (Maximum output duty cycle is 100%)
・output stage consist of CMOS push-pull circuit, and achieves a high speed switching of external MOSFETs.
(FA7700V: for Nch-MOSFET driving, FA7701V: for Pch-MOSFET driving)
・High accuracy reference voltage (Error amplifier): 0.88V±2%
・Soft start function.
・Adjustable built-in timer latch for short-circuit protection.
・Output ON/OFF control function
・Less external discrete components needed (2 components less than conventional version of the equivalent
products)
・Low power consumption
Stand-by current: 40μA(typ.)
Operating current: 1.2mA(typ.) (including error amplifier output current and oscillator current)
・High frequency operation: 50kHz to 1MHz
・Package: TSSOP-8(thin and small)
3.
. Outline
units:mm


Similar Part No. - FA7700V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
   For Switching Power Supply Control
More results

Similar Description - FA7700V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com