Electronic Components Datasheet Search |
|
2N3737 Datasheet(PDF) 1 Page - Semicoa Semiconductor |
|
2N3737 Datasheet(HTML) 1 Page - Semicoa Semiconductor |
1 / 2 page Type 2N3737 Geometry TBD Polarity NPN Qual Level: Pending Data Sheet No. 2N3737 Generic Part Number: 2N3737 REF: MIL-PRF-19500/395 Features: • General-purpose NPN silicon switching transistor which oper- ates over a wide temperature range. • Housed in a TO-46 case. • Also it will be available in chip form using the TBD chip geome- try. • The Min and Max limits shown are per MIL-PRF-19500/395 which Semicoa meets in all cases. Rating Symbol Rating Unit Collector-Emitter Voltage VCEO 40 V Collector-Base Voltage VCBO 75 V Emitter-Base Voltage VEBO 5.0 V Collector Current, Continuous IC 1.5 mA Power, TA = +25 oC PT 0.5 W Power, TC = +25 oC PT 1.9 W Thermal Resistance RJC 0.088 oC/mW Operating Junction Temperature TJ -55 to +200 oC Storage Temperature TSTG -55 to +200 oC Maximum Ratings TC = 25 oC unless otherwise specified TO-46 |
Similar Part No. - 2N3737 |
|
Similar Description - 2N3737 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |