Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA7701V Datasheet(PDF) 10 Page - Fuji Electric

Part # FA7701V
Description  FUJI Power Supply Control IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA7701V Datasheet(HTML) 10 Page - Fuji Electric

Back Button FA7701V Datasheet HTML 6Page - Fuji Electric FA7701V Datasheet HTML 7Page - Fuji Electric FA7701V Datasheet HTML 8Page - Fuji Electric FA7701V Datasheet HTML 9Page - Fuji Electric FA7701V Datasheet HTML 10Page - Fuji Electric FA7701V Datasheet HTML 11Page - Fuji Electric FA7701V Datasheet HTML 12Page - Fuji Electric FA7701V Datasheet HTML 13Page - Fuji Electric FA7701V Datasheet HTML 14Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
                                                       
10
Quality is our message
Quality is our message
Quality is our message
Quality is our message
Maximum Duty cycle vs. ambient temperature
80
82
84
86
88
90
92
94
-40
-20
0
20
40
60
80
100
Ambient temperature Ta [℃]
FA7700
fosc=1MHz
fosc=185kHz
fosc=50 kHz
Error Amp. Reference voltage vs.
ambient temperature
0.86
0.87
0.88
0.89
0.90
-40
-20
0
20
40
60
80
100
Ambient temperature Ta [℃]
Internal bias voltage vs. ambient temperature
2.18
2.20
2.22
2.24
2.26
2.28
-40
-20
0
2040
6080
100
Ambient temperature Ta [℃]
CS terminal ON/OFF threshold vs.
ambient temperature
0.15
0.20
0.25
0.30
0.35
0.40
-40
-20
0
20
40
60
80
100
Amient temperature Ta [℃]
Under voltage lock-out vs. ambient temperature
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
-40
-20
0
2040
6080
100
Ambient temperatureTa [℃]
VCCON
VCCOFF
CS terminal voltage vs.CS terminal sink current
0
20
40
60
80
100
120
140
160
180
200
0
1
23
456
7
CS terminal voltage [V]
FB<1.35V
FB>1.65V
Ta=-30℃
Ta=25℃
Ta=85℃


Similar Part No. - FA7701V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA7701V ETC-FA7701V Datasheet
182Kb / 13P
   For Switching Power Supply Control
More results

Similar Description - FA7701V

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com