Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V131DA40 Datasheet(PDF) 4 Page - Littelfuse

Part # V131DA40
Description  Industrial High Energy Terminal Varistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V131DA40 Datasheet(HTML) 4 Page - Littelfuse

  V131DA40 Datasheet HTML 1Page - Littelfuse V131DA40 Datasheet HTML 2Page - Littelfuse V131DA40 Datasheet HTML 3Page - Littelfuse V131DA40 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Varistor Products
©2009 Littelfuse, Inc.
Revision: October 29, 2009
DA/DB Varistor Series
Industrial High Energy Terminal Varistors > DA/DB Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/da or /db.html for current information.
Product Dimensions (mm)
DA SERIES
Dimensions in millimeters and (inches).
A
4.3mm
(0.170)
15mm (0.59)
“A”DIMENSION:
FILISTER HEAD SCREW - 51mm (2.01)
PAN HEAD SCREW - 53mm (2.09)
23mm 1mm
(0.90 0.04)
57mm
(2.24)
67mm
(2.64)
62mm
(2.44)
M4 INTERNATIONAL
THREAD
4.5mm (0.18)
DB SERIES
60.3
(2.37)
44.45 0.75
(1.75 0.03)
46.8
(1.84)
25.4 0.75
(1.00 0.03)
ALL DIMENSIONS ARE MAXIMUM
EXCEPT WHERE NOTED
HOLES 0.23THRU
BORE 0.370 x 0.370 DP
12.7
(0.50)
6.60
(0.26)
2 HOLES
6.60
(0.26)
41
(1.61)
40.5
(1.6)
1.6
(0.06)
23
(0.90)
12.7
(0.50)
Part Numbering System
VARISTOR
VM(AC)
First Two Significant Digits*
VM(AC)
VM(AC)
VM(AC)
Decade Multiplier*
*Refer to Rating & Specifications table
Example:
130 VM(AC) = 131
DISC SIZE (60mm)
SERIES DESIGNATOR
DA or DB
V XX X DA 40


Similar Part No. - V131DA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
More results

Similar Description - V131DA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
   High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
   High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
   High-Energy Varistors
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
V271HG34 LITTELFUSE-V271HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
logo
Littelfuse
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com