Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V07E175P Datasheet(PDF) 1 Page - Littelfuse

Part # V07E175P
Description  Radial Lead Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E175P Datasheet(HTML) 1 Page - Littelfuse

  V07E175P Datasheet HTML 1Page - Littelfuse V07E175P Datasheet HTML 2Page - Littelfuse V07E175P Datasheet HTML 3Page - Littelfuse V07E175P Datasheet HTML 4Page - Littelfuse V07E175P Datasheet HTML 5Page - Littelfuse V07E175P Datasheet HTML 6Page - Littelfuse V07E175P Datasheet HTML 7Page - Littelfuse V07E175P Datasheet HTML 8Page - Littelfuse V07E175P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Description
The UltraMOV™ Metal Oxide Varistor Series is designed
for applications requiring high peak surge current ratings
and high energy absorption capability. UltraMOV™
varistors are primarily intended for use in AC Line Voltage
applications such as Transient Voltage Surge Suppressors
(TVSS), Uninterruptable Power Supplies (UPS), AC Power
Taps, AC Power Meters, or other products that require
voltage clamping of high transient surge currents from
sources such as lightning, inductive load switching, or
capacitor bank switching.
These devices are produced in radial lead package sizes of
7, 10,14 and 20mm and offered in a variety of lead forms.
UltraMOVs™ are manufactured with recognized epoxy
encapsulation and are rated for ambient temperatures up
to 85ºC with no derating. This Series is LASER-branded and
is supplied in bulk, ammo pack (fan-fold), or tape and reel
packaging.
Features
• Lead–free, Halogen-Free
and RoHS compliant.
• High peak surge
current rating (I
TM) up
to 10kA, single 8 x
20 pulse, (20mm)
• Standard operating
voltage range compatible
with common AC
line voltages (130
V
AC to 625 VAC)
• Characterized for
maximum standby
current (Leakage)
• Custom voltage
types available
• Standard lead form and
lead space options
Agency Approvals
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
Agency
Agency File Number
E320116
116895
LR91788
42201-006
Continuous
UltraMOV™ Series
Units
Steady State Applied Voltage:
DC Voltage Range (V
M(AC)RMS)
130 to 625
V
Transients:
Single-Pulse Peak Current (I
TM) 8x20μs Wave (See Figure 2)
1,750 to 10,000
A
Single-Pulse Energy Range (W
TM) 2ms Square Wave
12.5 to 400
J
Operating Ambient Temperature Range (T
A)
-55 to +85
ºC
Storage Temperature Range (T
STG)
-55 to +125
ºC
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/ºC
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
2500
V
COATING Insulation Resistance
1000
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
UltraMOV™ Varistor Series
RoHS


Similar Part No. - V07E175P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07E175P LITTELFUSE-V07E175P Datasheet
1Mb / 12P
   Varistor Products - High Surge Current, Radial Lead
V07E175P LITTELFUSE-V07E175P Datasheet
784Kb / 11P
   UltraMOV Varistor Series
V07E175P LITTELFUSE-V07E175P Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
V07E175P LITTELFUSE-V07E175P Datasheet
784Kb / 11P
   UltraMOV??Varistor Series
V07E175P LITTELFUSE-V07E175P Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
More results

Similar Description - V07E175P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com