Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V27MA1S Datasheet(PDF) 5 Page - Littelfuse

Part # V27MA1S
Description  Axial Lead / Application Specific Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V27MA1S Datasheet(HTML) 5 Page - Littelfuse

  V27MA1S Datasheet HTML 1Page - Littelfuse V27MA1S Datasheet HTML 2Page - Littelfuse V27MA1S Datasheet HTML 3Page - Littelfuse V27MA1S Datasheet HTML 4Page - Littelfuse V27MA1S Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
187
Varistor Products
Revision: January 9, 2009
©2008 Littelfuse, Inc.
MA Varistor Series
Axial Lead / Application Specific Varistors > MA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ma.html for current information.
Product Dimensions
LL
H
b (diameter)
D
Symbol
Inches
Millimeters
Min
Max
Min
Max
Øb
0.024
0.026
0.61
0.66
ØD
0.118
0.177
3.0
4.5
H
0.177
0.276
4.5
7.0
L
1.740
1.220
27.3
31.0
Typical Weight = 0.5g
Operating/Storage
Temperature
-40°C to +85°C
Passive Aging
+85°C, 1000 hours
+/-10% typical voltage change
Humidity Aging
+85°C, 85% RH, 1000 hours
+/-10% typical voltage change
Thermal Shock
+85°C to -40°C 5 times
+/-10% typical voltage change
Solvent Resistance
MIL–STD–202, Method 215F
Moisture Sensitivity
Level 1, J–STD–020C
Lead Material
Tin–plated Copper clad steel
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V–0 requirements
Device Labeling
Marked with LF, voltage and date code
Physical Specifications
Environmental Specifications
Tape and Reel Dimensions
H1 = H2 +/- 0.040”
H1
H2
0.240”+/- 0.040
2.062”+/- 0.059
2.681” max
0.063” max
Conforms to EIA Standard RS-296-E
0.080” max
0.200” +/- 0.02
Part Numbering System
VARISTOR VOLTAGE
(VN at 1mA)
ENERGY/CLAMPING
VOLTAGE VARIANT
SERIES DESIGNATOR
MA: Bulk Pack
MT: Tape and Reel
V XXX MA XX
VARISTOR
Wave Solder Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Non Lead–free Profile
Figure 9
Figure 10


Similar Part No. - V27MA1S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V27MA1S LITTELFUSE-V27MA1S Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
V27MA1S LITTELFUSE-V27MA1S Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V27MA1S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V430MT3A LITTELFUSE-V430MT3A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
   Application Specific Capacitors
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
   APPLICATION SPECIFIC ADAPTERS
logo
International Rectifier
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com