Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V661DA40 Datasheet(PDF) 1 Page - Littelfuse

Part # V661DA40
Description  Industrial High Energy Terminal Varistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V661DA40 Datasheet(HTML) 1 Page - Littelfuse

  V661DA40 Datasheet HTML 1Page - Littelfuse V661DA40 Datasheet HTML 2Page - Littelfuse V661DA40 Datasheet HTML 3Page - Littelfuse V661DA40 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Varistor Products
Revision: October 29, 2009
©2009 Littelfuse, Inc.
DA/DB Varistor Series
Industrial High Energy Terminal Varistors > DA/DB Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/da or /db.html for current information.
DA/DB Varistor Series
Description
The DA and DB Series transient surge suppressors
are heavy-duty industrial Metal-Oxide Varistors
(MOVs) designed to provide surge protection for
motor controls and power supplies used in oil-
drilling, mining, and transportation equipment.
These UL recognized varistors have identical ratings
and specifications but differ in case construction
to provide flexibility in equipment designs.
DA Series devices feature rigid terminals to ensure
secure wire contacts. Both the DA and DB Series feature
improved creep and strike distance capability to minimize
breakdown along the package surface design that provides
complete electrical isolation of the disc subassembly.
See DA/DB Series Device Ratings and Specifications
table for part number and brand information.
Features
RoHS compliant
and Lead–free
High energy
absorption capability
W
TM up to 1050J
Wide operating
voltage range
V
M(AC)RMS 130V to 750V
Screw terminals (DA
Series),quick connect
push-on connectors
(DB Series)
Case design provides
complete electrical
isolation of disc
subassembly
40mm diameter disc
No derating up to
85ºC ambient
Agency Approvals
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
Agency
Agency File Number
E320116
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This
is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied.
Continuous
DA/DB Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
130 to 750
V
DC Voltage Range (V
M(DC))
175 to 970
V
Transients:
Peak Pulse Current (I
TM)
For 8/20μs Current Wave (See Figure 2)
40,000
A
Single Pulse Energy Range
For 2ms Current Squarewave (W
TM)
270 to 1050
J
Operating Ambient Temperature Range (T
A)
-55 to +85
ºC
Storage Temperature Range (T
STG)
-55 to +125
ºC
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/ºC
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
(Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301)
5000
V
COATING Insulation Resistance
1000
RoHS
DA SERIES
DB SERIES


Similar Part No. - V661DA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V661DA40 LITTELFUSE-V661DA40 Datasheet
64Kb / 4P
   Varistor Products - High Energy Industrial
More results

Similar Description - V661DA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V251CA60 LITTELFUSE-V251CA60 Datasheet
181Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
V321CA40PS LITTELFUSE-V321CA40PS Datasheet
252Kb / 5P
   High Energy Industrial Disc Varistors > CA Series
logo
Shanghai Yint Electroni...
40D YINT-40D Datasheet
462Kb / 3P
   High-Energy Varistors
53D YINT-53D Datasheet
467Kb / 3P
   High-Energy Varistors
34S YINT-34S Datasheet
483Kb / 3P
   High-Energy Varistors
logo
Littelfuse
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
V271HG34 LITTELFUSE-V271HG34 Datasheet
605Kb / 8P
   Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
V111HF34 LITTELFUSE-V111HF34 Datasheet
795Kb / 8P
   Industrial High Energy Terninal Varistors > HB34, HF34 & HG34 Series
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
logo
Littelfuse
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
   Varistor Products - High Energy Industrial
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com