Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V14MLA0805LN Datasheet(PDF) 5 Page - Littelfuse

Part # V14MLA0805LN
Description  Surface Mount Multilayer Varistors (MLVs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V14MLA0805LN Datasheet(HTML) 5 Page - Littelfuse

  V14MLA0805LN Datasheet HTML 1Page - Littelfuse V14MLA0805LN Datasheet HTML 2Page - Littelfuse V14MLA0805LN Datasheet HTML 3Page - Littelfuse V14MLA0805LN Datasheet HTML 4Page - Littelfuse V14MLA0805LN Datasheet HTML 5Page - Littelfuse V14MLA0805LN Datasheet HTML 6Page - Littelfuse V14MLA0805LN Datasheet HTML 7Page - Littelfuse V14MLA0805LN Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: November 10, 2010
MLA Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MLA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html of MLA.html for current information.
Device Characteristics
At low current levels, the V-I curve of the multilayer
transient voltage suppressor approaches a linear (ohmic)
relationship and shows a temperature dependent effect.
At or below the maximum working voltage, the suppressor
is in a high resistance modex (approaching 106Ω at its
maximum rated working voltage). Leakage currents at
maximum rated voltage are below 100
μA, typically 25μA;
for 0402 size below 20
μA, typically 5μA.
100%
1E-9
1E-8
SUPPRESSOR CURRENT (ADC)
10%
1E-7
1E-6
1E-5
1E-4
1E-3
1E-2
25
50
75
100
125oC
o
o
o
o
Clamping Voltage Over Temperature (V
C at 10A)
100
10
20
V26MLA1206
40
60
80
100
120
140
TEMPERATURE (oC)
V5.5MLA1206
0
-20
-40
-60
Typical Temperature Dependance of the Haracteristic
Curve in the Leakage Region
Speed of Response
The Multilayer Suppressor is a leadless device. Its
response time is not limited by the parasitic lead
inductances found in other surface mount packages.
The response time of the Z
N
than 1ns and the MLA can clamp very fast dV/dT events
such as ESD. Additionally, in "real world" applications,
the associated circuit wiring is often the greatest
factor effecting speed of response. Therefore, transient
suppressor placement within a circuit can be considered
important in certain instances.
GRAINS
DEPLETION
FIRED CERAMIC
DIELECTRIC
REGION
METAL
ELECTRODES
DEPLETION
REGION
METAL END
TERMINATION
Multilayer Internal Construction
Energy Absorption/Peak Current Capability
Energy dissipated within the MLA Series is calculated
by multiplying the clamping voltage, transient current
and transient duration. An important advantage of the
multilayer is its interdigitated electrode construction within
the mass of dielectric material. This results in excellent
current distribution and the peak temperature per energy
absorbed is very low. The matrix of semiconducting grains
combine to absorb and distribute transient energy (heat)
(see Speed of Response). This dramatically reduces peak
temperature; thermal stresses and enhances device
reliability.
As a measure of the device capability in energy and peak
current handling, the V26MLA1206A part was tested with
multiple pulses at its peak current rating (150A, 8/20
μs). At
the end of the test,10,000 pulses later, the device voltage
characteristics are still well within specification.
100
10
0
V26MLA1206
2000
4000
6000
8000
10000
12000
NUMBER OF PULSES
PEAK CURRENT = 150A
8/20 s DURATION, 30s BETWEEN PULSES
Figure 10
Figure 11
Figure 12
Figure 13


Similar Part No. - V14MLA0805LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14MLA0805LN LITTELFUSE-V14MLA0805LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805LN LITTELFUSE-V14MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V14MLA0805LN LITTELFUSE-V14MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V14MLA0805LN LITTELFUSE-V14MLA0805LN Datasheet
875Kb / 8P
   MLA Varistor Seriesv
V14MLA0805LN LITTELFUSE-V14MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V14MLA0805LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLA0402NR LITTELFUSE-V5.5MLA0402NR Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V30MLA0603H LITTELFUSE-V30MLA0603H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V56MLA1206H LITTELFUSE-V56MLA1206H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA020133NR LITTELFUSE-V5.5MLA020133NR Datasheet
380Kb / 3P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0603LNR LITTELFUSE-V5.5MLA0603LNR Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS03N LITTELFUSE-V0402MHS03N_10 Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V14MLA0805LH LITTELFUSE-V14MLA0805LH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS03NR LITTELFUSE-V0402MHS03NR Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V18MLE0805A LITTELFUSE-V18MLE0805A Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) MLE Series
V18AUMLA1812H LITTELFUSE-V18AUMLA1812H Datasheet
666Kb / 7P
   Surface Mount Multilayer Varistors (MLVs) > AUML Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com