Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V510SM7 Datasheet(PDF) 3 Page - Littelfuse

Part # V510SM7
Description  Surface Mount Varistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V510SM7 Datasheet(HTML) 3 Page - Littelfuse

  V510SM7 Datasheet HTML 1Page - Littelfuse V510SM7 Datasheet HTML 2Page - Littelfuse V510SM7 Datasheet HTML 3Page - Littelfuse V510SM7 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: January 10, 2011
SM7 Series Varistor
Surface Mount Varistors > SM7 Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/sm7.html for current information.
Lead (Pb) Soldering Recommendations
Wave soldering is the most strenuous of the processes.
To avoid the possibility of generating stresses due to
process should be rigidly controlled.
ensure that the SM7 chip is not subjected to a thermal
still necessary to ensure that any further thermal shocks
are avoided. One possible cause of thermal shock is hot
printed circuit boards being removed from the solder
process and subjected to cleaning solvents at room
temperature. The boards must be allowed to cool gradually
Lead–free (Pb-free) Soldering Recommendations
compatible.
standards and practices. There are multiple choices of all
optimum combination for their process as processes vary
considerably from site to site.
PREHEAT ZONE
PREHEAT DWELL
RAMP RATE
<2°C/s
MAXIMUM TEMPERATURE
230°C
TIME (MINUTES)
250
200
150
100
50
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
40-80
SECONDS
ABOVE 183°C
TIME (MINUTES)
300
250
200
150
100
50
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
MAXIMUM WAVE 260°C
SECOND PREHEAT
FIRST PREHEAT
MAXIMUM TEMPERATURE 250˚C,
TIME WITHIN 5˚C OF PEAK
20 SECONDS MAXIMUM
PREHEAT ZONE
RAMP RATE
<3˚C/s
60 - 150 SEC
> 217˚C
TIME (MINUTES)
300
250
200
150
100
50
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
Reflow Solder Profile
Wave Solder Profile
Lead–free Re-flow Solder Profile


Similar Part No. - V510SM7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LA10 LITTELFUSE-V510LA10 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V510LA10 LITTELFUSE-V510LA10 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V510LA10 LITTELFUSE-V510LA10 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LA10 LITTELFUSE-V510LA10 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V510LA10P LITTELFUSE-V510LA10P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Similar Description - V510SM7

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com