Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V175LA2P Datasheet(PDF) 9 Page - Littelfuse

Part # V175LA2P
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V175LA2P Datasheet(HTML) 9 Page - Littelfuse

Back Button V175LA2P Datasheet HTML 5Page - Littelfuse V175LA2P Datasheet HTML 6Page - Littelfuse V175LA2P Datasheet HTML 7Page - Littelfuse V175LA2P Datasheet HTML 8Page - Littelfuse V175LA2P Datasheet HTML 9Page - Littelfuse V175LA2P Datasheet HTML 10Page - Littelfuse V175LA2P Datasheet HTML 11Page - Littelfuse V175LA2P Datasheet HTML 12Page - Littelfuse V175LA2P Datasheet HTML 13Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Wave Solder Profile
Operating Ambient
Temperature Range
-55°C to +85°C
Storage Temperature Range
-55°C to +125°C
Humidity Aging
+85°C, 85% RH, 1000 hours
+/-10% typical voltage change
Thermal Shock
+85°C to -40°C 5 times
+/-10% typical voltage change
Solvent Resistance
MIL–STD–202, Method 215F
Moisture Sensitivity
Level 1, J–STD–020C
Lead Material
Tin–Coated Copper Wire
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208E
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V–0 requirements
Device Labeling
Marked with LF, voltage, UL/CSA logos,
and date code
Physical Specifications
Environmental Specifications
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 240C
Lead–free Profile
0
50
100
150
200
250
300
00.5
11.5
22.5
33.5
4
TIME(MINUTES)
Maximum Wave 260C
Non Lead–free Profile
Figure 20
Figure 21


Similar Part No. - V175LA2P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V175LA2P LITTELFUSE-V175LA2P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V175LA2P LITTELFUSE-V175LA2P Datasheet
1Mb / 13P
   LA Varistor Series
V175LA2P LITTELFUSE-V175LA2P Datasheet
1Mb / 13P
   LA Varistor Series
V175LA2P LITTELFUSE-V175LA2P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V175LA2P LITTELFUSE-V175LA2P Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V175LA2P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com