Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V68MA3B Datasheet(PDF) 3 Page - Littelfuse

Part # V68MA3B
Description  Axial Lead / Application Specific Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V68MA3B Datasheet(HTML) 3 Page - Littelfuse

  V68MA3B Datasheet HTML 1Page - Littelfuse V68MA3B Datasheet HTML 2Page - Littelfuse V68MA3B Datasheet HTML 3Page - Littelfuse V68MA3B Datasheet HTML 4Page - Littelfuse V68MA3B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
185
Varistor Products
Revision: January 9, 2009
©2008 Littelfuse, Inc.
MA Varistor Series
Axial Lead / Application Specific Varistors > MA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ma.html for current information.
Should transients occur in rapid succession, the average power
dissipation required is simply the energy (watt-seconds) per
pulse times the number of pulses per second. The power so
developed must be within the specifications shown on the
Device Ratings and Specifications table for the specific device.
Furthermore, the operating values need to be derated at high
temperatures as shown above. Because varistors can only
dissipate a relatively small amount of average power they are,
therefore, not suitable for repetitive applications that involve
substantial amounts of average power dissipation.
Power Dissipation Ratings
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90
100 110
120
130
140
150
AMBIENT TEMPERATURE ( oC)
100
90
50
10
O1
T
T1
T2
TIME
Peak Pulse Current Test Waveform
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20 μs Current Waveform:
8μs = T
1 = Rise Time
20μs = T
2 = Decay Time
Repetitive Surge Capability
100
50
20
10
5
2
1
0.5
0.2
0.1
20
100
1,000
10,000
IMPULSE DURATION (μs)
2
10
102
103
1
104
105
106
INDEFINITE
DISC SIZE 3mm
V120MA1A - V430MA7B
V120MA1A/S - V430MA3A
50
20
10
5
2
1
0.5
0.2
0.1
2
10
102
103
DISC SIZE 3mm
V18MA1A - V100MA4B
1
104
105
INDEFINITE
106
20
100
1,000
10,000
IMPULSE DURATION (μs)
V18MA - V100MA
NOTE: If pulse ratings are exceeded, a shift of V
N(DC) (at specified current) of more than
+/-10% could result. This type of shift, which normally results in a decrease of V
N(DC), may
result in the device not meeting the original published specifications, but it does not
prevent the device from continuing to function, and to provide ample protection.
Figure 1
Figure 2
Figure 3
Figure 4


Similar Part No. - V68MA3B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V68MA3B LITTELFUSE-V68MA3B Datasheet
96Kb / 5P
   Varistor Products - Axial Lead
V68MA3B LITTELFUSE-V68MA3B Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
More results

Similar Description - V68MA3B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V430MT3A LITTELFUSE-V430MT3A Datasheet
187Kb / 5P
   Axial Lead / Application Specific Varistors MA Series
logo
Murata Manufacturing Co...
1303353 MURATA-1303353 Datasheet
1Mb / 30P
   Application Specific Capacitors
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
   APPLICATION SPECIFIC ADAPTERS
logo
International Rectifier
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com