Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V150LA10CP Datasheet(PDF) 5 Page - Littelfuse

Part # V150LA10CP
Description  Radial Lead Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V150LA10CP Datasheet(HTML) 5 Page - Littelfuse

  V150LA10CP Datasheet HTML 1Page - Littelfuse V150LA10CP Datasheet HTML 2Page - Littelfuse V150LA10CP Datasheet HTML 3Page - Littelfuse V150LA10CP Datasheet HTML 4Page - Littelfuse V150LA10CP Datasheet HTML 5Page - Littelfuse V150LA10CP Datasheet HTML 6Page - Littelfuse V150LA10CP Datasheet HTML 7Page - Littelfuse V150LA10CP Datasheet HTML 8Page - Littelfuse V150LA10CP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 9, 2010
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
Maximum Clamping Voltage for 14mm Parts
V130LA10C(P) – V420LA20C(P)
10,000
1,000
100
0.001
0.01
0.1
1
10
100
1000
10000
V420LA20C(P)
V385LA20C(P)
V250LA20C(P)
MODEL SIZE = 14mm
Peak Amperes (A)
V320LA20C(P)
V300LA20C(P)
V230LA20C(P)
V175LA10C(P)
V150LA10C(P)
V140LA10C(P)
V130LA10C(P)
V275LA20C(P)
V460LA20C(P)
Transient V-I Characteristics Curves (continued)
MODEL SIZE = 20mm
10,000
1,000
100
0.001
0.01
0.1
1
10
100
1000
10000
V575LA80C(P)
V660LA100C(P)
V625LA80C(P)
V510LA80C(P)
V460LA40C(P)
V480LA80C(P)
V420LA40C(P)
V385LA40C(P)
V175LA20C(P)
V150LA20C(P)
V140LA20C(P)
V130LA20C(P)
V230LA40C(P)
V250LA40C(P)
V275LA40C(P)
V300LA40C(P)
V320LA40C(P)
V680LA100C(P)
Peak Amperes (A)
Maximum Clamping Voltage for 20mm Parts
Maximum Clamping Voltage for Low Clamping Voltage Parts
V130LA5C(P) - V320LA10C (P)
V130LA20CX325(P) - V300LA40CX245 (P)
10,000
1,000
100
0.001
0.01
0.1
1
10
100
1000
10000
V300LA40CX745(P)
V275LA40CX680(P)
V250LA40CX620(P)
V230LA40CX570(P)
V175LA20CX425(P)
V150LA20CX360(P)
V140LA20CX340(P)
V130LA20CX325(P)
V300LA40CX810(P)
Peak Amperes (A)
Repetitive Surge Capability for 20mm Parts
V130LA20C(P)-V680LA100C(P)
Repetitive Surge Capability for 14mm Parts
V130LA10C(P)-V420LA20C(P)
Pulse Rating Curves (continued)
Figure 5
Figure 6
Figure 7
Figure 8
Figure 9
10,000
1,000
100
10
1
10
100
1,000
10,000
SURGE IMPULSE DURATION (μs)
10
1
2
102
103
104
MODEL SIZE = 14mm
TA = -55
oC TO 85oC
130 TO 320VM(AC) RATING
10,000
1,000
100
10
1
10
100
1,000
10,000
SURGE IMPULSE DURATION (μs)
1
2
103
104
MODEL SIZE = 20mm
TA = -55
oC TO 85oC
130 TO 320VM(AC) RATING
10
102


Similar Part No. - V150LA10CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V150LA10A LITTELFUSE-V150LA10A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V150LA10A LITTELFUSE-V150LA10A Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA10A LITTELFUSE-V150LA10A Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V150LA10A LITTELFUSE-V150LA10A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V150LA10AP LITTELFUSE-V150LA10AP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Similar Description - V150LA10CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com