Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V230LA40CP Datasheet(PDF) 4 Page - Littelfuse

Part # V230LA40CP
Description  Radial Lead Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V230LA40CP Datasheet(HTML) 4 Page - Littelfuse

  V230LA40CP Datasheet HTML 1Page - Littelfuse V230LA40CP Datasheet HTML 2Page - Littelfuse V230LA40CP Datasheet HTML 3Page - Littelfuse V230LA40CP Datasheet HTML 4Page - Littelfuse V230LA40CP Datasheet HTML 5Page - Littelfuse V230LA40CP Datasheet HTML 6Page - Littelfuse V230LA40CP Datasheet HTML 7Page - Littelfuse V230LA40CP Datasheet HTML 8Page - Littelfuse V230LA40CP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 9, 2010
C-III Varistor Series
Radial Lead Varistors > C-III series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/c-iii.html for current information.
power dissipation is the energy (watt-seconds) per pulse
times the number of pulses per second. The power so
developed must be within the specifications shown on the
device. The operating values of a MOV need to be derated
at high temperatures as shown above. Because varistors
only dissipate a relatively small amount of average power
they are not suitable for repetitive applications that involve
substantial amounts of average power dissipation.
Power Dissipation Ratings
Peak Pulse Current Test Waveform
Current Energy and Power Derating Curve
100
90
50
10
O1
T
T1
T2
TIME
0
1 = Virtual Origin of Wave
T
1 = Rise Time = 1.25 x T
T
2
Example
μ
μs = T
1 = Rise Time
20μs = T
2
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90 100 110 120 130 140 150
AMBIENTTEMPERATURE ( oC)
Figure 1
Figure 2
V320LA10C(P)
V300LA10C(P)
V275LA10C(P)
V250LA10C(P)
V175LA5C(P)
V150LA5C(P)
V140LA5C(P)
V130LA5C(P)
V230LA10C(P)
MODEL SIZE = 10mm
10,000
1,000
100
0.001
0.01
0.1
1
10
100
1000
10000
Peak Amperes (A)
V460LA10C(P)
Maximum Clamping Voltage for 10mm Parts
V130LA5C(P) – V460LA10C(P)
1
10
4
10
5
10
6
2
10
10
3
10
2
10
100
1,000
10,000
SURGE IMPULSE DURATION (μs)
10,000
1,000
100
10
1
MODEL SIZE = 10mm
TA = -55
oC TO 85oC
130 TO 625VM(AC) RATING
Repetitive Surge Capability for 10mm Parts
V130LA5C(P)-V320LA10C(P)
Figure 3
Figure 4
Transient V-I Characteristics Curves
Pulse Rating Curves


Similar Part No. - V230LA40CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V230LA40A LITTELFUSE-V230LA40A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V230LA40A LITTELFUSE-V230LA40A Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V230LA40A LITTELFUSE-V230LA40A Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V230LA40A LITTELFUSE-V230LA40A Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V230LA40AP LITTELFUSE-V230LA40AP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
More results

Similar Description - V230LA40CP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com