Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1400 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1400
Description  5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1400 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1400 Datasheet HTML 2Page - Maxim Integrated Products MAX1400 Datasheet HTML 3Page - Maxim Integrated Products MAX1400 Datasheet HTML 4Page - Maxim Integrated Products MAX1400 Datasheet HTML 5Page - Maxim Integrated Products MAX1400 Datasheet HTML 6Page - Maxim Integrated Products MAX1400 Datasheet HTML 7Page - Maxim Integrated Products MAX1400 Datasheet HTML 8Page - Maxim Integrated Products MAX1400 Datasheet HTML 9Page - Maxim Integrated Products MAX1400 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
+5V, 18-Bit, Low-Power, Multichannel,
Oversampling (Sigma-Delta) ADC
6
_______________________________________________________________________________________
Note 1:
Nominal gain is 0.98. This ensures a full-scale input voltage may be applied to the part under all conditions without caus-
ing saturation of the digital output data.
Note 2:
Positive Full-Scale Error includes zero-scale errors (unipolar offset error or bipolar zero error) and applies to both unipolar
and bipolar input ranges. This error does not include the nominal gain of 0.98.
Note 3:
Full-Scale Drift includes zero-scale drift (unipolar offset drift or bipolar zero drift) and applies to both unipolar and bipolar
input ranges.
Note 4:
Gain Error does not include zero-scale errors. It is calculated as (full-scale error - unipolar offset error) for unipolar ranges
and as (full-scale error - bipolar zero error) for bipolar ranges. This error does not include the nominal gain of 0.98.
Note 5:
Gain-Error Drift does not include unipolar offset drift or bipolar zero drift. It is effectively the drift of the part if zero-scale
error is removed.
Note 6:
Use of the offset DAC does not imply that any input may be taken below AGND.
Note 7:
Additional noise added by the offset DAC is dependent on the filter cutoff, gain, and DAC setting. No noise is added for a
DAC code of 0000.
Note 8:
Guaranteed by design or characterization; not production tested.
Note 9:
The input voltage must be within the Absolute Input Voltage Range specification.
Note 10: All AIN and REFIN pins have identical input structures. Leakage is production tested only for the AIN3, AIN4, AIN5,
CALGAIN, and CALOFF inputs.
Note 11: The dynamic load presented by the MAX1400 analog inputs for each gain setting is discussed in detail in the Switching
Network section. Values are provided for the maximum allowable external series resistance. Note that this value does not
include any additional capacitance added by the user to the MUXOUT_ or ADCIN_ pins.
Note 12: The input voltage range for the analog inputs is with respect to the voltage on the negative input of its respective differen-
tial or pseudo-differential pair. Table 5 shows which inputs form differential pairs.
Note 13: VREF = VREFIN+ - VREFIN-.
Note 14: These specifications apply to CLKOUT only when driving a single CMOS load.
Note 15: The burn-out currents require a 500mV overhead between the analog input voltage and both V+ and AGND to operate
correctly.
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +5V ±5%, VDD = +2.7V to +5.25V, VREFIN+ = +2.50V, REFIN- = AGND, fCLKIN = 2.4576MHz, TA = TMIN to TMAX, unless other-
wise noted. Typical values are at TA = +25°C.)
2.4576MHz
1.024MHz
Buffers off
Buffers off
Buffers on
2.4576MHz
1.024MHz
2.43
3.60
Buffers off
Buffers off
Buffers on
Normal mode,
MF1 = 0,
MF0 = 0
4.23
5.75
2.43
3.75
Buffers on
3.70
Buffers on
2X mode,
MF1 = 0,
MF0 = 1
7.4
10.0
CONDITIONS
3.50
5.25
1.88
2.4576MHz
1.024MHz
Buffers off
Buffers off
Buffers on
2.4576MHz
1.024MHz
6.85
Buffers off
Buffers off
Buffers on
4X mode,
MF1 = 1,
MF0 = 0
25.8
33.0
10.8
14.0
Buffers on
25.2
Buffers on
8X mode,
MF1 = 1,
MF0 = 1
mW
26.7
34.0
PD
Power Dissipation
11.7
15.0
10.2
2.95
(Note 18)
10
100
µW
Standby Power Dissipation
1.45
2.55
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
5V POWER DISSIPATION (V+ = VDD = +5V, digital inputs = 0 or VDD, external CLKIN, burn-out currents disabled, X2CLK = 0,
CLK = 0 for 1.024MHz, CLK = 1 for 2.4576MHz.)


Similar Part No. - MAX1400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX14001 MAXIM-MAX14001 Datasheet
1Mb / 34P
   Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
MAX14001 MAXIM-MAX14001 Datasheet
828Kb / 9P
   Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
MAX14001AAP++ MAXIM-MAX14001AAP+ Datasheet
1Mb / 34P
   Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
MAX14001EVKIT MAXIM-MAX14001EVKIT Datasheet
1Mb / 27P
   Easy Evaluation of the MAX14001/MAX14002
2016
More results

Similar Description - MAX1400

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1402 MAXIM-MAX1402_07 Datasheet
562Kb / 38P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 2; 1/07
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1401 MAXIM-MAX1401_02 Datasheet
494Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com