Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V420LA40BP Datasheet(PDF) 11 Page - Littelfuse

Part # V420LA40BP
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V420LA40BP Datasheet(HTML) 11 Page - Littelfuse

Back Button V420LA40BP Datasheet HTML 5Page - Littelfuse V420LA40BP Datasheet HTML 6Page - Littelfuse V420LA40BP Datasheet HTML 7Page - Littelfuse V420LA40BP Datasheet HTML 8Page - Littelfuse V420LA40BP Datasheet HTML 9Page - Littelfuse V420LA40BP Datasheet HTML 10Page - Littelfuse V420LA40BP Datasheet HTML 11Page - Littelfuse V420LA40BP Datasheet HTML 12Page - Littelfuse V420LA40BP Datasheet HTML 13Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Tape and Reel Specifications
CRIMPED LEADS "LT"
CRIMPED LEADS "LT"
P1
P1
W0
E
DP
DH
DH
W1
W
F
t
W2
P
DP
C
Db
H0
DD0
H1
SEATING
PLANE
P2
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
W0
P
DP
Db
H
DD0
H1
P0
DH
E
DH
DP
W1
W
F
t
W2
P
DP
Db
H
DD0
H1
P1
P2
W0
UNDER-CRIMPED LEADS "LU"
UNDER-CRIMPED LEADS "LU"
U
P1
P0
P2
DH
E
DH
DP
W1
W
F
t
W2
W0
P
DP
Db
Ho
DD0
H1
P0
U
DH
E
DH
DP
W1
W
F
t
W2
P
DP
Db
Ho
DD0
H1
P2
W0
P1
7mm Devices
10, 14 and 20mm Devices
STRAIGHT LEADS "LS"
STRAIGHT LEADS "LS"
P1
P0
E
DP
DH
DH
W1
W
F
t
W2
W0
P
DP
C
Db
H0
DD0
H1
SEATING
PLANE
P2
(Dimensions presented on following page.)


Similar Part No. - V420LA40BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V420LA40BP LITTELFUSE-V420LA40BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V420LA40BP LITTELFUSE-V420LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
V420LA40BP LITTELFUSE-V420LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
V420LA40BP LITTELFUSE-V420LA40BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V420LA40BP LITTELFUSE-V420LA40BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V420LA40BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com