Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V100ZA20P Datasheet(PDF) 3 Page - Littelfuse

Part # V100ZA20P
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V100ZA20P Datasheet(HTML) 3 Page - Littelfuse

  V100ZA20P Datasheet HTML 1Page - Littelfuse V100ZA20P Datasheet HTML 2Page - Littelfuse V100ZA20P Datasheet HTML 3Page - Littelfuse V100ZA20P Datasheet HTML 4Page - Littelfuse V100ZA20P Datasheet HTML 5Page - Littelfuse V100ZA20P Datasheet HTML 6Page - Littelfuse V100ZA20P Datasheet HTML 7Page - Littelfuse V100ZA20P Datasheet HTML 8Page - Littelfuse V100ZA20P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 22, 2010
ZA Varistor Series
Radial Lead Varistors > ZA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/za.html for current information.
Part
Number
Branding
Model
Size
Disc Dia.
(mm)
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor Voltage at
1mA
DC Test Current
Maximum
Clamping
Voltage
8 x 20μs
Typical
Capaci-
tance
f = 1MHz
V
RMS
V
DC
Energy 10
x 1000μs
Peak
Current
8 x 20μs
V
M(AC)
V
M(DC)
W
TM
I
TM
V
NOM
Min
V
NOM
Max
V
C
I
PK
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(A)
(pF)
V56ZA05P
PZ56
5
35
45
0.5
100
50
66
110
1
500
V56ZA2P
P56Z2
7
35
45
2.3
250
50
62
110
2.5
1035
V56ZA3P
P56Z3
10
35
45
5.5
500
50
62
110
5
2150
V56ZA8P
P56Z8
14
35
45
10
1000
50
62
110
10
4840
V56ZA20P
P56Z20
20
35
45
30
2000
50
62
110
20
10000
V68ZA05P
PZ68
5
40
56
0.6
100
61
80
135
1
400
V68ZA2P
P68Z2
7
40
56
3
250
61
75
135
2.5
910
V68ZA3P
P68Z3
10
40
56
6.5
500
61
75
135
5
1850
V68ZA10P
P68Z10
14
40
56
13
1000
61
75
135
10
3870
V68ZA20P
P68Z20
20
40
56
33
2000
61
75
135
20
9000
V82ZA05P
PZ82
5
50
68
2
400
73
97
135
5
355
V82ZA2P
P82Z2
7
50
68
4
1200
73
91
135
10
700
V82ZA4P
P82Z4
10
50
68
8
2500
73
91
135
25
1485
V82ZA12P
P82Z12
14
50
68
15
4500
73
91
145
50
3380
V82ZA20P
P82Z20
20
50
68
25
6500
73
91
145
100
7000
V100ZA05P
PZ100
5
60
81
2.5
400
90
117
165
5
310
V100ZA3P
P100Z
7
60
81
5
1200
90
110
165
10
600
V100ZA4P
P100Z4
10
60
81
10
2500
90
110
165
25
1200
V100ZA15P
P100Z15
14
60
81
20
4500
90
110
175
50
2900
V100ZA20P
P100Z20
20
60
81
30
6500
90
110
175
100
6500
V120ZA05P
PZ120
5
75
102
3
400
108
138
205
5
250
V120ZA1P
P120Z
7
75
102
6
1200
108
132
205
10
515
V120ZA4P
P120Z4
10
75
102
12
2500
108
132
200
25
1100
V120ZA6P
P120Z6
14
75
102
22
4500
108
132
210
50
2450
V120ZA20P
P120Z20
20
75
102
33
6500
108
132
210
100
5000
V150ZA05P
PZ150
5
92
127
4
400
135
173
250
5
190
V150ZA1P
PZ051
7
95
127
8
1200
135
165
250
10
460
V150ZA4P
P150Z4
10
95
127
15
2500
135
165
250
25
860
V150ZA8P
P150Z8
14
95
127
20
4500
135
165
250
50
1910
V150ZA20P
P150Z20
20
95
127
45
6500
135
165
250
100
3500
V180ZA05P
PZ180
5
110
153
5
400
162
207
295
5
100
V180ZA1P
P180Z
7
115
153
10
1200
162
198
300
10
320
V180ZA5P
P180Z5
10
115
153
18
2500
162
198
300
25
465
V180ZA10P
P180Z10
14
115
153
35
4500
162
198
300
50
1190
V180ZA20P
P180Z20
20
115
153
52
6500
162
198
300
100
2400
V205ZA05P
PZ205
5
130
170
5.5
400
184
226
340
5
100
V220ZA05P
PZ220
5
140
180
6
400
198
253
360
5
95
V240ZA05P
PZ240
5
150
200
7
400
216
264
395
5
90
V270ZA05P
PZ270
5
175
225
7.5
400
243
311
455
5
75
V330ZA05P
PZ330
5
210
275
9
400
297
380
540
5
70
V360ZA05P
PZ360
5
230
300
9.5
400
324
396
595
5
60
V390ZA05P
PZ390
5
250
330
10
400
351
449
650
5
80
V430ZA05P
PZ430
5
275
369
11
400
387
495
710
5
75
V470ZA05P
PZ470
5
300
385
12
400
420
517
775
5
70
V620ZA05P
PZ620
5
385
505
13
400
558
682
1025
5
45
V680ZA05P
PZ680
5
420
560
14
400
610
748
1120
5
40
V715ZA05P
PZ715
5
440
585
15.5
400
643
787
1180
5
35
V750ZA05P
PZ750
5
460
615
17
400
675
825
1240
5
30
ZA Series Ratings & Specifications (Continued...)
3. 10mA DC test current.
4. Also rated to withstand 24V for 5 minutes.
6. Also rated to withstand 48V for 5 minutes.


Similar Part No. - V100ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V100ZA20P LITTELFUSE-V100ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V100ZA20P LITTELFUSE-V100ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V100ZA20P LITTELFUSE-V100ZA20P Datasheet
1Mb / 14P
   ZA Varistor Series
V100ZA20P LITTELFUSE-V100ZA20P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS
V100ZA20P LITTELFUSE-V100ZA20P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
More results

Similar Description - V100ZA20P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com