Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3765 Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N3765
Description  Type 2N3765 Geometry 6706 Polarity PNP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3765 Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N3765 Datasheet HTML 1Page - Semicoa Semiconductor 2N3765 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N3765
Geometry 6706
Polarity PNP
Qual Level: JAN - JANTXV
Data Sheet No. 2N3765
Generic Part Number:
2N3765
REF: MIL-PRF-19500/396
Features:
• General-purpose transistor for
switching and amplifier applica-
tons.
• Housed in a TO-46 case.
• Also available in chip form using
the 6706 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/396 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
60
V
Collector-Base Voltage
VCBO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current, Continuous
IC
1.5
mA
Operating Junction Temperature
TJ
-55 to +200
oC
Storage Temperature
TSTG
-55 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
TO-46


Similar Part No. - 2N3765

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3765 MICROSEMI-2N3765 Datasheet
70Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3765 NJSEMI-2N3765 Datasheet
197Kb / 2P
   SPRINGFIELD, NEW JERSEY 07081
More results

Similar Description - 2N3765

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3468 SEMICOA-2N3468 Datasheet
79Kb / 2P
   Type 2N3468 Geometry 6706 Polarity PNP
2N3468L SEMICOA-2N3468L Datasheet
107Kb / 2P
   Type 2N3468L Geometry 6706 Polarity PNP
2N3762 SEMICOA-2N3762 Datasheet
86Kb / 2P
   Type 2N3762 Geometry 6706 Polarity PNP
2N3467 SEMICOA-2N3467 Datasheet
52Kb / 2P
   Type 2N3467 Geometry 6706 Polarity PNP
2N3467L SEMICOA-2N3467L Datasheet
83Kb / 2P
   Type 2N3467L Geometry 6706 Polarity PNP
2N3763L SEMICOA-2N3763L Datasheet
85Kb / 2P
   Type 2N3763L Geometry 6706 Polarity PNP
2N3762L SEMICOA-2N3762L Datasheet
92Kb / 2P
   Type 2N3762L Geometry 6706 Polarity PNP
2N3763 SEMICOA-2N3763 Datasheet
79Kb / 2P
   Type 2N3763 Geometry 6706 Polarity PNP
2N3764 SEMICOA-2N3764 Datasheet
117Kb / 2P
   Type 2N3764 Geometry 6706 Polarity PNP
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com