Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V510LA40AP Datasheet(PDF) 1 Page - Littelfuse

Part # V510LA40AP
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V510LA40AP Datasheet(HTML) 1 Page - Littelfuse

  V510LA40AP Datasheet HTML 1Page - Littelfuse V510LA40AP Datasheet HTML 2Page - Littelfuse V510LA40AP Datasheet HTML 3Page - Littelfuse V510LA40AP Datasheet HTML 4Page - Littelfuse V510LA40AP Datasheet HTML 5Page - Littelfuse V510LA40AP Datasheet HTML 6Page - Littelfuse V510LA40AP Datasheet HTML 7Page - Littelfuse V510LA40AP Datasheet HTML 8Page - Littelfuse V510LA40AP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Description
The LA Series of transient voltage surge suppressors are
radial leaded varistors (MOVs) that are designed to be
operated continuously across AC power lines. These UL
recognized varistors require very little mounting space,
and are offered in various standard lead form options.
The LA Series varistors are available in four model
sizes: 7mm, 10mm, 14mm and 20mm; and have a
V
M(AC)RMS voltage range from 130V to 1000V, and an
energy absorption capability up to 360J. Some LA Series
model numbers are available with clamping voltage
selections, designated by a model number suffix of
either A or B. The 'A' selection is the standard model;
the 'B' selection provides a lower clamping voltage.
See LA Series Device Ratings and Specifications
Table for part number and brand information.
Features
• Lead–free, Halogen-
Free and RoHS
compliant.
Energy absorption
capability (W
TM)
up to 360J
Wide operating
voltage range
V
M(AC)RMS 130V to 1000V
No derating up to
85ºC ambient
Available in tape and
reel or bulk pack
Agency Approvals
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
Agency
Agency File Number
E320116, E56529, E135010
116895
LR91788
42201-006
Continuous
LA Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
130 to 1000
V
DC Voltage Range (V
M(DC))
175 to 1200
V
Transients:
Peak Pulse Current (I
TM)
For 8/20μs Current Wave (See Figure 2)
1200 to 6500
A
Single Pulse Energy Range
For 10/1000μs Current Wave (W
TM)
11 to 360
J
Operating Ambient Temperature Range (T
A)
-55 to +85
OC
Storage Temperature Range (T
STG)
-55 to +125
OC
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/OC
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
(Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301)
2500
V
COATING Insulation Resistance
1000
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied.
LA Varistor Series
RoHS


Similar Part No. - V510LA40AP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V510LA40AP LITTELFUSE-V510LA40AP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V510LA40AP LITTELFUSE-V510LA40AP Datasheet
1Mb / 13P
   LA Varistor Series
V510LA40AP LITTELFUSE-V510LA40AP Datasheet
1Mb / 13P
   LA Varistor Series
V510LA40AP LITTELFUSE-V510LA40AP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V510LA40AP LITTELFUSE-V510LA40AP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V510LA40AP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com