Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1402 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1402
Description  5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1402 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1402_07 Datasheet HTML 1Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 2Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 3Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 4Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 5Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 6Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 7Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 8Page - Maxim Integrated Products MAX1402_07 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
+5V, 18-Bit, Low-Power, Multichannel,
Oversampling (Sigma-Delta) ADC
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +5V ±5%, VDD = +2.7V to +5.25V, VREFIN+ = +2.50V, REFIN- = AGND, fCLKIN = 2.4576MHz, TA = TMIN to TMAX, unless other-
wise noted. Typical values are at TA = +25°C.)
Unipolar mode
CONDITIONS
-116.7
116.7
Bipolar mode
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
%FSR
%FSR
-58.35
58.35
Offset DAC Range (Note 6)
0
Offset DAC Zero-Scale Error
Gain = 1, 2, 4, 8, 16, 32, 64
BUFF = 1
10
-2.5
2.5
Gain = 128
AIN Input Current (Note 10)
nA
For filter notch 50Hz, ±0.02
· fNOTCH,
MF1 = 0, MF0 = 0, fCLKIN = 2.4576MHz (Note 8)
DAC code = 0000
For filter notch 50Hz, ±0.02
· fNOTCH,
MF1 = 0, MF0 = 0, fCLKIN = 2.4576MHz
150
dB
100
NMR
Normal-Mode 50Hz Rejection
(Note 8)
At DC
µVRMS
0
Additional Noise from Offset
DAC (Note 7)
90
REFIN and AIN for BUFF = 0
V
VAGND
V+
Common-Mode Voltage Range
(Note 9)
BUFF = 1
Input referred
%FSR
-3.5
3.5
Offset DAC Full-Scale Error
V
VAGND
V+
+ 200mV
- 1.5
Absolute and Common-Mode
AIN Voltage Range
pA
40
DC Input Leakage Current
(Note 10)
Unipolar mode
16.7
Bipolar mode
%FSR
8.35
Offset DAC Resolution
For filter notch 60Hz, ±0.02
· fNOTCH,
MF1 = 0, MF0 = 0, fCLKIN = 2.4576MHz (Note 8)
dB
150
CMR
Common-Mode Rejection
For filter notch 60Hz, ±0.02
· fNOTCH,
MF1 = 0, MF0 = 0, fCLKIN = 2.4576MHz
dB
100
NMR
Normal-Mode 60Hz Rejection
(Note 8)
REFIN and AIN for BUFF = 0
V
VAGND
V+
- 30mV
+ 30mV
Absolute Input Voltage Range
REFIN and AIN for
BUFF = 0
TA = +25°C
TA = TMIN to TMAX
10
nA
34
38
45
BUFF = 0
60
BUFF = 1, all gains
30
AIN Input Capacitance
(Note 11)
pF
Bipolar input range (U/B bit = 0)
±VREF / gain
AIN Differential Voltage Range
(Note 12)
V
Gain = 1
Gain = 2
Gain = 4
Gain = 8, 16, 32, 64, 128
Unipolar input range (U/B bit = 1)
0 to VREF / gain
OFFSET DAC
ANALOG INPUTS/REFERENCE INPUTS (Specifications for AIN and REFIN, unless otherwise noted.)


Similar Part No. - MAX1402_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1402CAI MAXIM-MAX1402CAI Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1402EAI MAXIM-MAX1402EAI Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1402EVC16 MAXIM-MAX1402EVC16 Datasheet
211Kb / 12P
   Fully Assembled and Tested
Rev 2; 5/07
MAX1402EVKIT MAXIM-MAX1402EVKIT Datasheet
211Kb / 12P
   Fully Assembled and Tested
Rev 2; 5/07
More results

Similar Description - MAX1402_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1401 MAXIM-MAX1401_02 Datasheet
494Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com