Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V180ZA1P Datasheet(PDF) 10 Page - Littelfuse

Part # V180ZA1P
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V180ZA1P Datasheet(HTML) 10 Page - Littelfuse

Back Button V180ZA1P Datasheet HTML 5Page - Littelfuse V180ZA1P Datasheet HTML 6Page - Littelfuse V180ZA1P Datasheet HTML 7Page - Littelfuse V180ZA1P Datasheet HTML 8Page - Littelfuse V180ZA1P Datasheet HTML 9Page - Littelfuse V180ZA1P Datasheet HTML 10Page - Littelfuse V180ZA1P Datasheet HTML 11Page - Littelfuse V180ZA1P Datasheet HTML 12Page - Littelfuse V180ZA1P Datasheet HTML 13Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: September 22, 2010
ZA Varistor Series
Radial Lead Varistors > ZA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/za.html for current information.
Product Dimensions (mm)
Dimen-
sion
V
RMS
Voltage
Model
5mm Size
7mm Size
10mm Size
14mm Size
20mm Size
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
Min.
mm (in)
Max.
mm (in)
A
All
-
10 (0.394)
-
12 (0.472)
-
16 (0.630)
-
20 (0.787)
-
26.5
(1.043)
ØD
All
-
7 (0.276)
-
9 (0.354)
-
12.5 (0.492)
-
17 (0.669)
-
23 (0.906)
e
(see notes
below)
All
4 (0.157)
6 (0.236)
4 (0.157)
6 (0.236) 6.5 (0.256) 8.5 (0.335) 6.5 (0.256) 8.5 (0.335)
6.5 (0.256)
(note 1 below)
8.5 (0.335)
(note 1 below)
e
1
V8ZA-
V56ZA
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
V68ZA-
V100ZA
1.5 (0.059)
3.5
(0.138)
1.5 (0.059)
3.5
(0.138)
1.5 (0.059) 3.5 (0.138) 1.5 (0.059)
3.5
(0.138)
1.5 (0.059) 3.5 (0.138)
V120ZA-
V180ZA
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.039)
3 (0.118)
1 (0.038)
3 (0.118)
1 (0.038)
3 (0.118)
V205ZA-
V750ZA
1.5 (0.059)
3.5
(0.138)
---
-
---
-
E
V8ZA-
V56ZA
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
V68ZA-
V100ZA
-
5.6
(0.220)
-
5.6
(0.220)
-
5.6 (0.220)
-
5.6
(0.220)
-
5.6 (0.220)
V120ZA-
V180ZA
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
-
5 (0.197)
V205ZA-
V750ZA
-
5.6
(0.220)
---
-
---
-
Øb
All
0.585
(0.023)
0.685
(0.027)
0.585
(0.023)
0.685
(0.027)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
0.76
(0.030)
0.86
(0.034)
A
TRIM
All
-
13.0
(0.512)
-
15 (0.591)
-
19.5 (0.768)
-
22.5
(0.886)
-
29.0
(1.142)
L
TRIM
All
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2.41
(0.095)
4.69
(0.185)
2. V24ZA50(P) and V24ZC50(P) only supplied with lead spacing of 6.35mm -/+0.5mm (0.25 -/+0.0196) Dimension e = 5.85 min. Does not apply to Tape and Reel parts.
To order this crimped and trimmed lead style, standard radial type model numbers are changed
Standard Model
Order As
V18ZA3P
V18ZC3P
For crimped leads without trimming and any varitions to
Example:
CRIMPED AND TRIMMED LEAD
Radial lead types can be supplied with combination
preformed crimp and trimmed leads. This option is
supplied to the dimensions shown.
LTRIM
ATRIM
SEATING
PLANE
øD
øb
25.4
(1.00)
MIN
A
e
e1
E


Similar Part No. - V180ZA1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V180ZA1P LITTELFUSE-V180ZA1P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
V180ZA1P LITTELFUSE-V180ZA1P Datasheet
1Mb / 14P
   ZA Varistor Series
V180ZA1P LITTELFUSE-V180ZA1P Datasheet
1Mb / 14P
   Low to Medum Voltage, Radial Lead
V180ZA1P LITTELFUSE-V180ZA1P Datasheet
1Mb / 14P
   Lead?밼ree, Halogen-Free and RoHS compliant
V180ZA1P LITTELFUSE-V180ZA1P Datasheet
1Mb / 14P
   ZA Varistor Series
More results

Similar Description - V180ZA1P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com