Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3810 Datasheet(PDF) 3 Page - Semicoa Semiconductor

Part # 2N3810
Description  Type 2N3810 Geometry 0220 Polarity PNP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3810 Datasheet(HTML) 3 Page - Semicoa Semiconductor

  2N3810 Datasheet HTML 1Page - Semicoa Semiconductor 2N3810 Datasheet HTML 2Page - Semicoa Semiconductor 2N3810 Datasheet HTML 3Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Data Sheet No. 2N3810
Small Signal Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio (Gain Ratio)
VCE = 5 V, IC = 100 µA
Base Emitter Value, Nonsaturated Absolute
Value of Differential, |VBE1 - VBE2|1
VCE = 5 V, IC = 10 µA
---
5.0
mV
VCE = 5 V, IC = 100 µA
---
3.0
mV
VCE = 5 V, IC = 10 mA
---
5.0
mV
Magnitude of Small-Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 5 V, IC = 500 µA, f = 30 MHz
|hFE|1
1.0
---
---
VCE = 5 V, IC = 1 mA, f = 100 MHz
|hFE|2
1.0
5.0
---
Small-Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 10 V, IC = 1.0 mA, f = 1 kHz
Small-Signal, Short Circuit
Input Impedance
VCE = 10 V, IC = 1 mA, f = 1 kHz
Small-Signal, Open Circuit
Output Admittance
VCE = 10 V, IC = 1 mA, f = 1 kHz
Small-Signal, Open Circuit
Reverse Voltage Transfer Ratio
VCE = 10 V, IC = 1 mA, f = 1 kHz
Noise Figure
VCE = 10 V, IC = 100 µA, R = 3 kO, f = 100 Hz
F1
---
7.0
dB
V
CE = 10 V, IC = 100 µA, R = 3 kO, f = 1 kHz
F2
---
3.0
dB
VCE = 10 V, IC = 100 µA, R = 3 kO, f = 10 kHz
F3
---
2.5
dB
VCE = 10 V, IC = 100 µA, R = 3 kO,
F4
---
3.5
dB
noise bandwidth 10 Hz to 15.7 kHz
Open Circuit, Output Capacitance
VCB = 5 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Short Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
COBO
---
5.0
pF
CIBO
---
8.0
pF
hre
---
25 x 10
-4
---
hoe
5.0
60
µohm
hie
3.0
30
kohm
---
hFE
150
600
---
hFE3-1 / hFE3-2
0.9
1.0


Similar Part No. - 2N3810

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3810 SEMICOA-2N3810 Datasheet
30Kb / 1P
   Chip Type 2C2605 Geometry 0220 Polarity NPN
logo
Calogic, LLC
2N3810 CALOGIC-2N3810 Datasheet
314Kb / 2P
   Monolithic Dual Matched PNP General Purpose Amplifier
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
logo
Central Semiconductor C...
2N3810 CENTRAL-2N3810 Datasheet
52Kb / 1P
   Dual Transistors
logo
Semicoa Semiconductor
2N3810 SEMICOA-2N3810 Datasheet
209Kb / 3P
   Silicon PNP Transistor
More results

Similar Description - 2N3810

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3811 SEMICOA-2N3811 Datasheet
79Kb / 3P
   Type 2N3811 Geometry 0220 Polarity PNP
2C2605 SEMICOA-2C2605 Datasheet
30Kb / 1P
   Chip Type 2C2605 Geometry 0220 Polarity NPN
2N2484 SEMICOA-2N2484 Datasheet
55Kb / 3P
   Type 2N2484 Geometry 0220 / 0307 Polarity NPN
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
   Type 2N2907A Geometry 0600 Polarity PNP
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
   Type 2N3485A Geometry 0600 Polarity PNP
2N4033 SEMICOA-2N4033 Datasheet
86Kb / 2P
   Type 2N4033 Geometry 6700 Polarity PNP
2N5151 SEMICOA-2N5151 Datasheet
55Kb / 2P
   Type 2N5151 Geometry 9702 Polarity PNP
2N5151L SEMICOA-2N5151L Datasheet
59Kb / 2P
   Type 2N5151L Geometry 9702 Polarity PNP
2N5153L SEMICOA-2N5153L Datasheet
59Kb / 2P
   Type 2N5153L Geometry 9702 Polarity PNP
2N6987 SEMICOA-2N6987 Datasheet
69Kb / 2P
   Type 2N6987 Geometry 0600 Polarity PNP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com