Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V660LA100BP Datasheet(PDF) 4 Page - Littelfuse

Part # V660LA100BP
Description  Radial Lead Varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V660LA100BP Datasheet(HTML) 4 Page - Littelfuse

  V660LA100BP Datasheet HTML 1Page - Littelfuse V660LA100BP Datasheet HTML 2Page - Littelfuse V660LA100BP Datasheet HTML 3Page - Littelfuse V660LA100BP Datasheet HTML 4Page - Littelfuse V660LA100BP Datasheet HTML 5Page - Littelfuse V660LA100BP Datasheet HTML 6Page - Littelfuse V660LA100BP Datasheet HTML 7Page - Littelfuse V660LA100BP Datasheet HTML 8Page - Littelfuse V660LA100BP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
LA Varistor Series
Radial Lead Varistors > LA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/la.html for current information.
Should transients occur in rapid succession, the average
power dissipation is the energy (watt-seconds) per pulse
times the number of pulses per second. The power so
developed must be within the specifications shown on the
Device Ratings and Specifications Table for the specific
device.The operating values of a MOV need to be derated
at high temperatures as shown in the diagram below.
Because varistors only dissipate a relatively small amount
of average power they are not suitable for repetitive
applications that involve substantial amounts of average
power dissipation.
Power Dissipation Ratings
100
90
80
70
60
50
40
30
20
10
0
-55
50
60
70
80
90 100 110 120 130 140 150
AMBIENT TEMPERATURE ( oC)
Peak Pulse Current Test Waveform
Current Energy and Power Derating Curve
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20 μs Current Waveform:
8μs = T
1 = Rise Time
20μs = T
2 = Decay Time
100
90
50
10
O1
T
T1
T2
TIME
Figure 1
Figure 2


Similar Part No. - V660LA100BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V660LA100BP LITTELFUSE-V660LA100BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V660LA100BP LITTELFUSE-V660LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
V660LA100BP LITTELFUSE-V660LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
V660LA100BP LITTELFUSE-V660LA100BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V660LA100BP LITTELFUSE-V660LA100BP Datasheet
1Mb / 13P
   LA Varistor Series
More results

Similar Description - V660LA100BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
logo
AVX Corporation
VE17M02750K AVX-VE17M02750K Datasheet
491Kb / 13P
   Radial lead varistors
logo
Littelfuse
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com