Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C2V4LP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BZT52C2V4LP
Description  250 mW Zener Diode 2.4 to 39 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52C2V4LP Datasheet(HTML) 3 Page - Micro Commercial Components

  BZT52C2V4LP Datasheet HTML 1Page - Micro Commercial Components BZT52C2V4LP Datasheet HTML 2Page - Micro Commercial Components BZT52C2V4LP Datasheet HTML 3Page - Micro Commercial Components BZT52C2V4LP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical characteristics
www.mccsemi.com
Revision:
2
20
10/10/17
3 of 4
MCC
TM
Micro Commercial Components


Similar Part No. - BZT52C2V4LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C2V4LP DIODES-BZT52C2V4LP Datasheet
156Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 17 - 2
BZT52C2V4LP DIODES-BZT52C2V4LP Datasheet
87Kb / 5P
   Ultra-Small Leadless Surface Mount Package Ideally Suited for Automated Assembly Processes
logo
Micro Commercial Compon...
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
logo
Diodes Incorporated
BZT52C2V4LP DIODES-BZT52C2V4LP_11 Datasheet
87Kb / 5P
   SURFACE MOUNT ZENER DIODE
BZT52C2V4LP DIODES-BZT52C2V4LP_15 Datasheet
395Kb / 5P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C2V4LP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
   410 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
   100 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
   200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
   350 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4 MCC-BZT52C2V4 Datasheet
407Kb / 4P
   410 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com