Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1416EWE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1416EWE
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1416EWE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1416EWE Datasheet HTML 4Page - Maxim Integrated Products MAX1416EWE Datasheet HTML 5Page - Maxim Integrated Products MAX1416EWE Datasheet HTML 6Page - Maxim Integrated Products MAX1416EWE Datasheet HTML 7Page - Maxim Integrated Products MAX1416EWE Datasheet HTML 8Page - Maxim Integrated Products MAX1416EWE Datasheet HTML 9Page - Maxim Integrated Products MAX1416EWE Datasheet HTML 10Page - Maxim Integrated Products MAX1416EWE Datasheet HTML 11Page - Maxim Integrated Products MAX1416EWE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADCs
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX1416 (continued)
(VDD = 5V, GND = 0, VREF+ = 2.5V, VREF- = GND, fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1µF, CREF- to GND =
0.1µF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Unbuffered, fCLKIN = 1MHz, gain = 1 to 128
0.45
Buffered, fCLKIN = 1MHz, gain = 1 to 128
0.78
Gain = 1 to 4
0.6
Unbuffered,
fCLKIN = 2.4576MHz
Gain = 8 to 128
0.6
Gain = 1 to 4
0.95
Buffered,
fCLKIN = 2.4576MHz
Gain = 8 to 128
1.1
mA
Power-Supply Current (Note 12)
IDD
Power-down mode (Note 13)
16
µA
Power-Supply Rejection Ratio
PSRR
VDD = 4.75V to 5.25V
(Note 14)
dB
EXTERNAL-CLOCK SPECIFICATIONS
CLKIN Frequency
fCLKIN
(Note 15)
400
2500
kHz
Duty Cycle
40
60
%
INTERNAL-CLOCK TIMING SPECIFICATIONS
MAX1416AE__,
fCLK = 1MHz (CLK = 0)
or 2.4576MHz (CLK = 1)
TA = -40
°C to
+85
°C
±4
MAX1416C__,
fCLK = 1MHz (CLK = 0)
or 2.4576MHz (CLK = 1)
TA = 0
°C to
+70
°C
±4
TA = -40
°C to 0°C±7
Internal-Clock Frequency
fCLK
MAX1416E__,
fCLK = 1MHz (CLK = 0)
or 2.4576MHz (CLK = 1)
TA= 0
°C to +85°C
±4
%
Typical Conversion-Time
Variation
∆tCONV
tCONV = 1/ODR,
CLK = 0 (1MHz), INTCLK = 1
±0.5
%
TIMING CHARACTERISTICS—MAX1416
(Note 16) (Figures 8, 9)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRDY High Time
500 /
fCLKIN
s
Reset Pulse-Width Low
100
ns
DRDY Fall to CS Fall Setup Time
t1
0ns
CS Fall to SCLK Rise Setup Time
t2
120
ns
SCLK Fall to DOUT Valid Delay
t3
080
ns
SCLK Pulse-Width High
t4
100
ns
SCLK Pulse-Width Low
t5
100
ns
CS Rise to SCLK Rise Hold Time
t6
0ns
Bus Relinquish Time After SCLK
Rising Edge
t7
60
ns
SCLK Fall to
DRDY Rise Delay
t8
100
ns


Similar Part No. - MAX1416EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1416EWE++ MAXIM-MAX1416EWE+ Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results

Similar Description - MAX1416EWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
logo
Analog Devices
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com