Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY58025U_0708 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY58025U_0708
Description  ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58025U_0708 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY58025U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY58025U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY58025U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY58025U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY58025U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY58025U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY58025U_0708 Datasheet HTML 9Page - Micrel Semiconductor SY58025U_0708 Datasheet HTML 10Page - Micrel Semiconductor SY58025U_0708 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Precision Edge®
SY58025U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
OUTPUT INTERFACE APPLICATIONS
50
50
VCC
GND
Q
/Q
100
Figure 4. CML DC-Coupled
Termination
50
50
VCC
GND
Q
/Q
50
50
DC Bias per application
Figure 5. CML AC-Coupled
Termination
Part Number
Function
Data Sheet Link
SY58016L
3.3V 10Gbps Differential CML Line Driver/
http://www.micrel.com/product-info/products/sy58016l.shtml
Receiver with Internal Termination
SY58017U
10.7Gbps Differential CML 2:1 MUX with
http://www.micrel.com/product-info/products/sy58017u.shtml
Internal Termination
SY58018U
5Gbps LVPECL 2:1 MUX with
http://www.micrel.com/product-info/products/sy58018u.shtml
Internal Termination
SY58019U
10.7Gbps 400mV LVPECL 2:1 MUX with
http://www.micrel.com/product-info/products/sy58019u.shtml
Internal Termination
SY58026U
5Gbps Dual 2:1 LVPECL MUX with
http://www.micrel.com/product-info/products/sy58026u.shtml
Internal Termination
SY58027U
10.7Gbps Dual 2:1 400mV LVPECL MUX
http://www.micrel.com/product-info/products/sy58027u.shtml
with Internal Termination
SY58051U
10.7Gbps AnyGate® with Internal Input and
http://www.micrel.com/product-info/products/sy58051u.shtml
Output Termination
SY58052U
10Gbps Clock/Data Retimer with 50ý
http://www.micrel.com/product-info/products/sy58052u.shtml
InpuT Termination
MLF™ Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml


Similar Part No. - SY58025U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58025U_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com