Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1416AENE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1416AENE
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1416AENE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1416AENE Datasheet HTML 1Page - Maxim Integrated Products MAX1416AENE Datasheet HTML 2Page - Maxim Integrated Products MAX1416AENE Datasheet HTML 3Page - Maxim Integrated Products MAX1416AENE Datasheet HTML 4Page - Maxim Integrated Products MAX1416AENE Datasheet HTML 5Page - Maxim Integrated Products MAX1416AENE Datasheet HTML 6Page - Maxim Integrated Products MAX1416AENE Datasheet HTML 7Page - Maxim Integrated Products MAX1416AENE Datasheet HTML 8Page - Maxim Integrated Products MAX1416AENE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADCs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX1415 (continued)
(VDD = 3V, GND = 0, VREF+ = 1.225V, VREF- = GND, external fCLKIN = 2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1µF, CREF- to
GND = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain = 1
34
Gain = 2
38
Gain = 4
45
AIN Input Capacitance
Gain = 8 to 128
60
pF
AIN Input Sampling Rate
fs
Gain = 1 to 128
fCLKIN /
64
MHz
Gain = 1
105
Gain = 2
110
Gain = 4
120
Input Common-Mode Rejection
CMR
Gain = 8 to 128
130
dB
Normal-Mode 50Hz Rejection
For filter notches of 25Hz, 50Hz,
±0.02 × fNOTCH
98
dB
Normal-Mode 60Hz Rejection
For filter notches of 20Hz, 60Hz,
±0.02 × fNOTCH
98
dB
Common-Mode 50Hz Rejection
For filter notches of 25Hz, 50Hz,
±0.02 × fNOTCH
150
dB
Common-Mode 60Hz Rejection
For filter notches of 20Hz, 60Hz,
±0.02 × fNOTCH
150
dB
EXTERNAL REFERENCE (REF+, REF-)
REF Differential Input Range
VREF
(Note 9)
1.00
1.75
V
REF Absolute Input Voltage
Range
GND
VDD
V
REF Input Capacitance
Gain = 1 to 128
10
pF
REF Input Sampling Rate
fs
fCLKIN /
64
MHz
DIGITAL INPUTS (DIN, SCLK,
CS, RESET)
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.4
V
DIN,
CS, RESET
250
Input Hysteresis
VHYST
SCLK
500
mV
Input Current
IIN
±1µA
Input Capacitance
5pF
CLKIN INPUT
CLKIN Input High Voltage
VCLKINH
2.5
V
CLKIN Input Low Voltage
VCLKINL
0.4
V
CLKIN Input Current
ICLKIN
±10
µA
DIGITAL OUTPUTS (DOUT,
DRDY, CLKOUT)
DOUT and
DRDY, ISINK = 100µA
0.4
Output-Voltage Low
VOL
CLKOUT, ISINK = 10µA
0.4
V


Similar Part No. - MAX1416AENE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1416AEUE++ MAXIM-MAX1416AEUE+ Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
MAX1416AEWE++ MAXIM-MAX1416AEWE+ Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results

Similar Description - MAX1416AENE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
logo
Analog Devices
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7788 AD-AD7788 Datasheet
382Kb / 20P
   Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_V01 Datasheet
465Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
2015
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
logo
Microchip Technology
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
   Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com