Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3866A Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part # 2N3866A
Description  Type 2N3866A Geometry 1007 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N3866A Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N3866A Datasheet HTML 1Page - Semicoa Semiconductor 2N3866A Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N3866A
Geometry 1007
Polarity NPN
Qual Level: JAN - JANS
Data Sheet No. 2N3866A
Generic Part Number:
2N3866A
REF: MIL-PRF-19500/398
Features:
• General-purpose silicon transistor
for switching and amplifier appli-
cations.
• Housed in TO-39 case.
• Also available in chip form using
the 1007 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/398 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
30
V
Collector-Base Voltage
VCBO
60
V
Emitter-Base Voltage
VEBO
3.5
V
Collector Current, Continuous
IC
0.4
A
Operating Junction Temperature
TJ
-55 to +175
oC
Storage Temperature
TSTG
-55 to +175
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
TO-39


Similar Part No. - 2N3866A

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3866A SEMICOA-2N3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
Central Semiconductor C...
2N3866A CENTRAL-2N3866A Datasheet
665Kb / 9P
   NPN - RF Transistor Die 0.4 Amp, 30 Volt
R0 22-February 2017
logo
Microsemi Corporation
2N3866A MICROSEMI-2N3866A Datasheet
331Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Central Semiconductor C...
2N3866A CENTRAL-2N3866A Datasheet
624Kb / 8P
   PNP - RF Transistor Die 0.4 Amp, 40 Volt
R0 25-July 2016
logo
Advanced Power Technolo...
2N3866A ADPOW-2N3866A Datasheet
371Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - 2N3866A

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5109 SEMICOA-2N5109 Datasheet
47Kb / 2P
   Type 2N5109 Geometry 1007 Polarity NPN
2C3866A SEMICOA-2C3866A Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
2C5109 SEMICOA-2C5109 Datasheet
31Kb / 1P
   Chip Type 2C5109 Geometry 1007 Polarity NPN
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
   Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
   Type 2N2857 Geometry 0011 Polarity NPN
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
   Type 2N3019 Geometry 4500 Polarity NPN
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
   Type 2N3500 Geometry 5620 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
   Type 2N3507L Geometry 1506 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
   Type 2N3960 Geometry 0003 Polarity NPN
2N5238 SEMICOA-2N5238 Datasheet
55Kb / 2P
   Type 2N5238 Geometry 3111 Polarity NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com